Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11DQ06 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 11DQ06
Description  SBD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

11DQ06 Datasheet(HTML) 1 Page - National Instruments Corporation

  11DQ06_15 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
■定格・特性曲線
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
11DQ06
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
5
10
15
20
25
30
(A)
0.02s
I FSM
FIG.7
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
接 合 容 量 特 性
11DQ06
Tj= 2 5
° C ,V m = 20m V RM S ,f= 100k H z ,T yp ical V a lu e
0.5
1
2
5
10
20
50
100
REVERSE VOLTAGE (V)
逆 電 圧 (V)
10
20
50
100
200
(pF)
FIG.8
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
11DQ06
0
0.2
0.4
0.6
0.8
1.0
1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
0.1
0.2
0.5
1
2
5
(A)
Tj=25
°C
Tj=150
°C
FIG.1
AVERAGE REVERSE POWER DISSIPATION
平 均 逆 電 力 損 失
11DQ06
0
10
20304050
6070
REVERSE VOLTAGE (V)
逆 電 圧 (V)
0
0.4
0.8
1.2
1.6
2.0
2.4
(W)
D.C.
RECT 300
°
RECT 240
°
RECT 180
°
HALF SINE WAVE
FIG.4
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
11DQ06
W it hout F in o r P . C . B oar d,V RM = 60V
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
周 囲 温 度 (℃)
0
0.4
0.8
1.2
1.6
(A)
HALF SINE WAVE.
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.5
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
11DQ06
P . C . B oar d m ount ed (L = 8 m m ,P rin t L and= 10
×1 0 mm), V RM =6 0 V
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
周 囲 温 度 (℃)
0
0.4
0.8
1.2
1.6
(A)
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.6
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
0.2
0.4
0.6
0.8
1.0
(W)
11DQ06
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.2
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
ピーク逆電流 − ピーク逆電圧特性
11DQ06
Tj= 150
°C
0
10
20304050
6070
PEAK REVERSE VOLTAGE (V)
ピ ー ク 逆 電 圧 (V)
10
20
50
(mA)
FIG.3
■電気的・熱的特性 Electrical/ Thermal Characteristics
■最大定格 Maximum Ratings
1A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
230
■APPROX. NET WEIGHT:0.32g
60
11DQ06
Item
Conditions
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
熱抵抗
Thermal Resistance
接合部・周囲間
Junction to Ambient
単体フイン無し*1
Min.
Typ.
Max.
1
130
Symbol
I RM
R th(j-a)
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=1A
0.58
Unit
mA
V
℃/W
プリント基板実装*2
81
℃/W
*1:単体フイン無し/ Without Fin or P.C. Board
*2:プリント基板実装 / P.C. Board Mounted(Print Lands=5×5 mm, Both Sides)
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Ta=25℃*1
0.89
実効順電流
R.M.S. Forward Current
I F(RMS)
1.57
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
25
50Hz正弦半波,1サイクル,非くり返し 
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
60
V
Ta=54℃*2
1.0
A
非くり返しピーク逆電圧
Non-repetitive Peak Reverse Voltage
V RSM
65
V


Similar Part No. - 11DQ06_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
11DQ06-M3 VISHAY-11DQ06-M3 Datasheet
120Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
logo
International Rectifier
11DQ06TR IRF-11DQ06TR Datasheet
32Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
11DQ06TR VISHAY-11DQ06TR Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
11DQ06TR VISHAY-11DQ06TR Datasheet
120Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ06TR-M3 VISHAY-11DQ06TR-M3 Datasheet
120Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
More results

Similar Description - 11DQ06_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
   SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GCH30A10 NI-GCH30A10_15 Datasheet
129Kb / 1P
   SBD
GCQ20A04 NI-GCQ20A04_15 Datasheet
130Kb / 1P
   SBD
GCQ30A03L NI-GCQ30A03L_15 Datasheet
130Kb / 1P
   SBD
GCQ30A06 NI-GCQ30A06_15 Datasheet
129Kb / 1P
   SBD
KSQ30A06B NI-KSQ30A06B_15 Datasheet
125Kb / 1P
   SBD
KSQ60A03LB NI-KSQ60A03LB_15 Datasheet
98Kb / 1P
   SBD
KSQ60A04E NI-KSQ60A04E_15 Datasheet
103Kb / 1P
   SBD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com