Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C01C-ESN Datasheet(PDF) 6 Page - Microchip Technology

Part # 24C01C-ESN
Description  1K 5.0V I 2 C ??Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C-ESN Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24C01C-ESN Datasheet HTML 2Page - Microchip Technology 24C01C-ESN Datasheet HTML 3Page - Microchip Technology 24C01C-ESN Datasheet HTML 4Page - Microchip Technology 24C01C-ESN Datasheet HTML 5Page - Microchip Technology 24C01C-ESN Datasheet HTML 6Page - Microchip Technology 24C01C-ESN Datasheet HTML 7Page - Microchip Technology 24C01C-ESN Datasheet HTML 8Page - Microchip Technology 24C01C-ESN Datasheet HTML 9Page - Microchip Technology 24C01C-ESN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
24C01C
DS21201A-page 6
Preliminary
© 1997 Microchip Technology Inc.
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
start condition from the master device (Figure 5-1). The
control byte consists of a four bit control code; for the
24C01C this is set as 1010 binary for read and write
operations. The next three bits of the control byte are
the chip select bits (A2, A1, A0). The chip select bits
allow the use of up to eight 24C01C devices on the
same bus and are used to select which device is
accessed. The chip select bits in the control byte must
correspond to the logic levels on the corresponding A2,
A1, and A0 pins for the device to respond. These bits
are in effect the three most significant bits of the word
address.
The last bit of the control byte defines the operation to
be performed. When set to a one a read operation is
selected, and when set to a zero a write operation is
selected. Following the start condition, the 24C01C
monitors the SDA bus checking the control byte being
transmitted. Upon receiving a 1010 code and appropri-
ate chip select bits, the slave device outputs an
acknowledge signal on the SDA line. Depending on the
state of the R/W bit, the 24C01C will select a read or
write operation.
FIGURE 5-1:
CONTROL BYTE FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The chip select bits A2, A1, A0 can be used to expand
the contiguous address space for up to 8K bits by add-
ing up to eight 24C01C devices on the same bus. In this
case, software can use A0 of the control byte as
address bit A8, A1 as address bit A9, and A2 as
address bit A10. It is not possible to write or read across
device boundaries.
1
0
1
0
A2
A1
A0
S
ACK
R/W
Control Code
Chip Select
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit


Similar Part No. - 24C01C-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01C-E/MC MICROCHIP-24C01C-E/MC Datasheet
385Kb / 24P
   1K 5.0V I2C ??Serial EEPROM
2007
24C01C-E/MC MICROCHIP-24C01C-E/MC Datasheet
521Kb / 30P
   1K 5.0V I2C??Serial EEPROM
2008
24C01C-E/MNY MICROCHIP-24C01C-E/MNY Datasheet
521Kb / 30P
   1K 5.0V I2C??Serial EEPROM
2008
24C01C-E/MS MICROCHIP-24C01C-E/MS Datasheet
385Kb / 24P
   1K 5.0V I2C ??Serial EEPROM
2007
24C01C-E/MS MICROCHIP-24C01C-E/MS Datasheet
521Kb / 30P
   1K 5.0V I2C??Serial EEPROM
2008
More results

Similar Description - 24C01C-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
   4K 5.0V I 2 C ??Serial EEPROM
2004
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1997
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
   1K 5.0V I2C??Serial EEPROM
1997-2012
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1996
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
   1K 5.0V I2C??Serial EEPROM
2008
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
   32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com