Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9240-100A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK9240-100A
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9240-100A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9240-100A_15 Datasheet HTML 1Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9240-100A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BUK9240-100A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 15 June 2010
3 of 14
NXP Semiconductors
BUK9240-100A
N-channel TrenchMOS logic level FET
4.
Limiting values
[1]
Peak drain current is limited by chip, not package.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
VDGR
drain-gate voltage
RGS =20kΩ
-
-
100
V
VGS
gate-source voltage
-10
-
10
V
ID
drain current
Tmb =25°C; VGS =5V; see Figure 1;
see Figure 3
--33
A
Tmb =100 °C; VGS =5V; see Figure 1
-
-
23.8
A
IDM
peak drain current
Tmb =25°C; tp ≤ 10 µs; pulsed;
see Figure 3
[1]
-
-
135
A
Ptot
total power dissipation
Tmb =25°C; see Figure 2
--114
W
Tstg
storage temperature
-55
-
175
°C
Tj
junction temperature
-55
-
175
°C
VGSM
peak gate-source
voltage
pulsed; tp ≤ 50 µs
-15
-
15
V
Source-drain diode
IS
source current
Tmb = 25 °C
--33
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb = 25 °C
-
-
135
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =25A; Vsup ≤ 100 V; RGS =50 Ω;
VGS =5V; Tj(init) = 25 °C; unclamped
--31
mJ


Similar Part No. - BUK9240-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
logo
Inchange Semiconductor ...
BUK9240-100A ISC-BUK9240-100A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9240-100A NEXPERIA-BUK9240-100A Datasheet
967Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 15 June 2010
More results

Similar Description - BUK9240-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com