Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3101D2 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA3101D2
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3101D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3101D2_15 Datasheet HTML 1Page - Texas Instruments TPA3101D2_15 Datasheet HTML 2Page - Texas Instruments TPA3101D2_15 Datasheet HTML 3Page - Texas Instruments TPA3101D2_15 Datasheet HTML 4Page - Texas Instruments TPA3101D2_15 Datasheet HTML 5Page - Texas Instruments TPA3101D2_15 Datasheet HTML 6Page - Texas Instruments TPA3101D2_15 Datasheet HTML 7Page - Texas Instruments TPA3101D2_15 Datasheet HTML 8Page - Texas Instruments TPA3101D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
32
5
27
10
25
12
PVCCR
RINP
PGNDR
AGND
PVCCR
Exposed
ThermalPad
RINN
NC
NC
NC
NC
PGNDR
LINP
VCLAMPR
LINN
VCLAMPL
NC
PGNDL
GAIN0
PGNDL
GAIN1
PVCCL
MSTR/SLV
PVCCL
SYNC
33
4
28
9
26
11
34
3
29
8
35
2
30
7
36
1
31
6
44
17
38
23
43
18
37
24
45
16
39
22
46
15
40
21
47
14
41
20
48
13
42
19
GND
PVCCR
PVCCR
PGNDR
VCLAMPR
VCLAMPL
PGNDL
PVCCL
PVCCL
GND
GND
RINN
RINP
AGND
LINP
LINN
GAIN0
GAIN1
MSTR/SLV
SYNC
GND
PGNDR
PGNDL
GAIN0
13 14
15 16 17 18 19 20 21 22 23
24
25
26
27
28
29
30
31
32
33
34
35
36
48
47
46 45 44 43 42 41 40 39 38
37
1
2
3
4
5
6
7
8
9
10
11
12
Exposed
ThermalPad
TPA3101D2
www.ti.com
SLOS473C – DECEMBER 2005 – REVISED SEPTEMBER 2007
48 PIN, QFN PACKAGE
48 PIN, HTQFP PACKAGE
(TOP VIEW)
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
QFN
HTQFP
NAME
NO.
NO.
Shutdown signal for IC (LOW = disabled, HIGH = operational). TTL logic
SHUTDOWN
44
44
I
levels with compliance to AVCC.
RINN
2
2
I
Negative audio input for right channel. Biased at VREG/2.
RINP
3
3
I
Positive audio input for right channel. Biased at VREG/2.
LINN
6
6
I
Negative audio input for left channel. Biased at VREG/2.
LINP
5
5
I
Positive audio input for left channel. Biased at VREG/2.
GAIN0
8
7, 8
I
Gain select least significant bit. TTL logic levels with compliance to VREG.
GAIN1
9
9
I
Gain select most significant bit. TTL logic levels with compliance to VREG.
1, 12, 13,
GND
24, 25, 36,
Connect to the thermal pad.
37
Mute signal for quick disable/enable of outputs (HIGH = outputs high-Z,
MUTE
45
45
I
LOW = outputs enabled). TTL logic levels with compliance to AVCC.
TTL compatible output. HIGH = short-circuit fault. LOW = no fault. Only
FAULT
46
46
O
reports short-circuit faults. Thermal faults are not reported on this terminal.
BSLP
18
18
I/O
Bootstrap I/O for left channel, positive high-side FET.
Power supply for left channel H-bridge, not internally connected to PVCCR
PVCCL
26, 27
26, 27
or AVCC.
LOUTP
19, 20
19, 20
O
Class-D 1/2-H-bridge positive output for left channel.
PGNDL
28, 29
28, 29
Power ground for left channel H-bridge.
LOUTN
21, 22
21, 22
O
Class-D 1/2-H-bridge negative output for left channel.
BSLN
23
23
I/O
Bootstrap I/O for left channel, negative high-side FET.
VCLAMPL
30
30
Internally generated voltage supply for left channel bootstrap capacitor.
VCLAMPR
31
31
Internally generated voltage supply for right channel bootstrap capacitor.
BSRN
38
38
I/O
Bootstrap I/O for right channel, negative high-side FET.
ROUTN
39, 40
39, 40
O
Class-D 1/2-H-bridge negative output for right channel.
PGNDR
32, 33
32, 33
Power ground for right channel H-bridge.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA3101D2


Similar Part No. - TPA3101D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3101D2PHP TI-TPA3101D2PHP Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2PHPG4 TI-TPA3101D2PHPG4 Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2PHPR TI-TPA3101D2PHPR Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2PHPRG4 TI-TPA3101D2PHPRG4 Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2RGZR TI-TPA3101D2RGZR Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3101D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com