Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA08T Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA08T
Description  4K/8K 1.8V I2C Serial EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08T Datasheet(HTML) 2 Page - Microchip Technology

  24AA08T Datasheet HTML 1Page - Microchip Technology 24AA08T Datasheet HTML 2Page - Microchip Technology 24AA08T Datasheet HTML 3Page - Microchip Technology 24AA08T Datasheet HTML 4Page - Microchip Technology 24AA08T Datasheet HTML 5Page - Microchip Technology 24AA08T Datasheet HTML 6Page - Microchip Technology 24AA08T Datasheet HTML 7Page - Microchip Technology 24AA08T Datasheet HTML 8Page - Microchip Technology 24AA08T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24AA04/08
DS21053E-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS .............. -0.6V to VCC +1.0V
Storage temperature ..................................... -65˚C to +150˚C
Ambient temp. with power applied ................ -65˚C to +125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
WP
Write Protect Input
Vcc
+1.8V to 5.5V Power Supply
A0, A1, A2
No Internal Connection
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +1.8V to +5.5V
Commercial (C): Tamb = 0˚C to +70˚C
Industrial (I):
Tamb = -40
°C to +85°C
Parameter
Sym
Min
Typ
Max
Units
Conditions
WP, SCL and SDA pins:
High level input voltage
VIH
.7 Vcc
V
Low Level input voltage
VIL
.3 VCC
V
Hysteresis of Schmitt trigger
inputs
VHYS
.05 VCC
V
(Note)
Low level output voltage
VOL
.40
V
IOL = 3.0 mA, VCC = 1.8V
Input leakage current
ILI
-10
10
µAVIN = .1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = .1V to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
10
pF
VCC = 5.0V (Note 1)
Tamb = 25˚C, FCLK = 1 MHz
Operating current
ICC WRITE
ICC READ
0.5
0.05
3
1
mA
mA
mA
mA
VCC = 5.5V, SCL = 400 kHz
VCC = 1.8V, SCL = 100 kHz
VCC = 5.5V, SCL = 400 kHz
VCC = 1.8V, SCL = 100 kHz
Standby current
ICCS
—3
100
30
µA
µA
µA
VCC = 5.5V, SDA=SCL=VCC
VCC = 3.0V, SDA=SCL=VCC
VCC = 1.8V, SDA=SCL=VCC
Note:This parameter is periodically sampled and not 100% tested.
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA


Similar Part No. - 24AA08T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08T MICROCHIP-24AA08T Datasheet
553Kb / 30P
   8K I2C??Serial EEPROM
2009
24AA08T-E/MC MICROCHIP-24AA08T-E/MC Datasheet
367Kb / 26P
   8K IC SERIAL EEPROM
2008
24AA08T-E/MC MICROCHIP-24AA08T-E/MC Datasheet
553Kb / 30P
   8K I2C??Serial EEPROM
2009
24AA08T-E/MCG MICROCHIP-24AA08T-E/MCG Datasheet
367Kb / 26P
   8K IC SERIAL EEPROM
2008
24AA08T-E/MNY MICROCHIP-24AA08T-E/MNY Datasheet
553Kb / 30P
   8K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA08T

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
   8K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com