Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA04 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA04
Description  4K/8K 1.8V I2C Serial EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA04 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA04 Datasheet HTML 4Page - Microchip Technology 24AA04 Datasheet HTML 5Page - Microchip Technology 24AA04 Datasheet HTML 6Page - Microchip Technology 24AA04 Datasheet HTML 7Page - Microchip Technology 24AA04 Datasheet HTML 8Page - Microchip Technology 24AA04 Datasheet HTML 9Page - Microchip Technology 24AA04 Datasheet HTML 10Page - Microchip Technology 24AA04 Datasheet HTML 11Page - Microchip Technology 24AA04 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24AA04/08
© 1996 Microchip Technology Inc.
DS21053E-page 11
24AA04/08 Product Identification System
To order or obtain information (e.g., on pricing or delivery), please use listed part numbers, and refer to factory or listed sales offices.
Package:
P = Plastic DIP (300 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SM = Plastic SOIC (207 mil Body), 8-lead
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
Device:
24AA04
1.8K, 4K I2C Serial EEPROM
24AA04T
1.8K, 4K I2C Serial EEPROM (Tape and Reel)
24AA08
1.8K, 8K I2C Serial EEPROM
24AA08T
1.8K, 8K I2C Serial EEPROM (Tape and Reel)
24AA04/08
-
/P


Similar Part No. - 24AA04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24AA04 MICROCHIP-24AA04 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04 MICROCHIP-24AA04 Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24AA04-E/CS16K MICROCHIP-24AA04-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04-E/MC MICROCHIP-24AA04-E/MC Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
More results

Similar Description - 24AA04

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
   8K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com