Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2026D2 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA2026D2
Description  3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2026D2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2026D2_15 Datasheet HTML 1Page - Texas Instruments TPA2026D2_15 Datasheet HTML 2Page - Texas Instruments TPA2026D2_15 Datasheet HTML 3Page - Texas Instruments TPA2026D2_15 Datasheet HTML 4Page - Texas Instruments TPA2026D2_15 Datasheet HTML 5Page - Texas Instruments TPA2026D2_15 Datasheet HTML 6Page - Texas Instruments TPA2026D2_15 Datasheet HTML 7Page - Texas Instruments TPA2026D2_15 Datasheet HTML 8Page - Texas Instruments TPA2026D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TPA2026D2
SLOS649A – MARCH 2010 – REVISED JANUARY 2011
www.ti.com
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICE(2)
PART NUMBER
SYMBOL
TPA2026D2 YZHR
NSV
16-ball, 2,2 mm × 2,2 mm WCSP (+0.01 mm/
–40°C to 85°C
-0.09 mm tolerance)
TPA2026D2 YZHT
NSV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com
(2)
The YZH package is only available taped and reeled. The suffix R indicates a reel of 3000; the suffix T indicates a reel of 250.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
2.5
5.5
V
VIH
High-level input voltage
SDZ, SDA, SCL
1.3
V
VIL
Low-level input voltage
SDZ, SDA, SCL
0.6
V
TA
Operating free-air temperature
–40
+85
°C
ELECTRICAL CHARACTERISTICS
at TA = 25°C, VDD = 3.6 V, SDZ = 1.3 V, and RL = 8 Ω + 33 mH (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
2.5
3.6
5.5
V
SDZ = 0.35 V, VDD = 2.5 V
0.1
1
ISDZ
Shutdown quiescent current
SDZ = 0.35 V, VDD = 3.6 V
0.2
1
µA
SDZ = 0.35 V, VDD = 5.5 V
0.3
1
SDZ = 1.3 V, VDD = 2.5 V
35
50
Software shutdown quiescent
ISWS
SDZ = 1.3 V, VDD = 3.6 V
50
70
µA
current
SDZ = 1.3 V, VDD = 5.5 V
75
110
VDD = 2.5 V
3.5
4.5
IDD
Supply current
VDD = 3.6 V
3.7
4.7
mA
VDD = 5.5 V
4.5
5.5
fSW
Class D switching frequency
275
300
325
kHz
IIH
High-level input current
VDD = 5.5 V, SDZ = 5.8 V
1
µA
IIL
Low-level input current
VDD = 5.5 V, SDZ = –0.3 V
–1
µA
tSTART
Start-up time
2.5 V
≤ VDD ≤ 5.5 V no pop, CIN ≤ 1 mF
5
ms
POR
Power on reset ON threshold
2
2.3
V
POR
Power on reset hysteresis
0.2
V
RL = 8 Ω, Vicm = 0.5 V and Vicm = VDD – 0.8 V,
CMRR
Input common mode rejection
–70
dB
differential inputs shorted
VDD = 3.6 V, AV = 6 dB, RL = 8 Ω, inputs ac
Voo
Output offset voltage
2
10
mV
grounded
Output impedance in shutdown
2
k
ZOUT
SDZ = 0.35 V
mode
Gain accuracy
Compression and limiter disabled, Gain = 0 to 30 dB
–0.5
0.5
dB
PSRR
Power supply rejection ratio
VDD = 2.5 V to 4.7 V
-80
dB
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPA2026D2


Similar Part No. - TPA2026D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2026D2YZHR TI-TPA2026D2YZHR Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2YZHT TI-TPA2026D2YZHT Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
More results

Similar Description - TPA2026D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com