Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9516_9616-55A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK9516_9616-55A
Description  TrenchMOS transistor Logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9516_9616-55A Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK9516_9616-55A_15 Datasheet HTML 1Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 2Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9516_9616-55A_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
 transistor
BUK9516-55A
Logic level FET
BUK9616-55A
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(VGS); conditions ID = 25 A;
Fig.8. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.9. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.10. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 25 A; VGS = 5 V
0
20
40
60
80
100
02468
10
VDS/V
ID/A
2.2
2.4
2.6
3.0
3.2
3.4
3.6
VGS / V =
2.8
4.0
5.0
6.0
10.0
0
20
40
60
80
100
012345
VGS / V
ID/A
25
Tj / C= 175
10
12
14
16
18
20
22
20
30
40
50
60
70
80
90
100
ID / A
5.0
4.6
4.2
4.0
3.6
3.4
VGS / V =
RDS(ON) / mOhm
0
10
20
30
40
50
60
0
20406080
100
ID / A
gfs / S
10
15
20
25
30
35
23456789
10
VGS / V
RDS(ON) / mOhm
-100
-50
0
50
100
150
200
0.5
1
1.5
2
2.5
Tmb / degC
Rds(on) normlised to 25degC
May 2000
4
Rev 1.000


Similar Part No. - BUK9516_9616-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9516-55A PHILIPS-BUK9516-55A Datasheet
102Kb / 9P
   TrenchMOS transistor standard level FET
May 2000-Rev 1.000
logo
Inchange Semiconductor ...
BUK9516-55A ISC-BUK9516-55A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9516-55A NEXPERIA-BUK9516-55A Datasheet
366Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 21 April 2011
logo
NXP Semiconductors
BUK9516-55A PHILIPS-BUK9516-55A_15 Datasheet
252Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-21 April 2011
BUK9516-75B NXP-BUK9516-75B Datasheet
306Kb / 15P
   TrenchMOS logic level FET
Rev. 01-23 April 2003
More results

Similar Description - BUK9516_9616-55A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com