Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89801AMCA Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89801AMCA
Description  HP PA-8000 CLOCK SOURCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89801AMCA Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89801AMCA Datasheet HTML 1Page - Micrel Semiconductor SY89801AMCA Datasheet HTML 2Page - Micrel Semiconductor SY89801AMCA Datasheet HTML 3Page - Micrel Semiconductor SY89801AMCA Datasheet HTML 4Page - Micrel Semiconductor SY89801AMCA Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ClockWorks™
PRELIMINARY
SY89801A
Micrel
PECL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC – 1.075
VCC – 0.830
V
VOL
Output LOW Voltage
VCC – 1.860
VCC – 1.570
V
VIH
Input HIGH Voltage
VCC – 1.165
VCC – 0.880
V
VIL
Input LOW Voltage
VCC – 1.810
VCC – 1.475
V
VBB
PECL Threshold
VCC – 1.35
V
VCC = 3.3V
±10%; VEE = –1.9V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
3.0
3.6
V
VEE = –1.9V
ICC
Power Supply Current (VCC)
250
321
mA
3.3V DC ELECTRICAL CHARACTERISTICS
VCC = VCCA = 3.3V
±10%; VEEA = VEE = –1.9V
Symbol
Parameter
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max. Unit
Condition
fVCO
Maximum VCO Frequency
1320
1320
1320
MHz
fMAX
Maximum PCLK Output Frequency
264
264
264
MHz
Maximum RCLK Output Frequency
132
132
132
MHz
tskew(2)
PCLK to PCLK
±50
±50
±50
ps
Measured at
RCLK to RCLKLV
±100
±100
±100
ps
differential
PCLK to RCLK
±100
±100
±100
ps
crossover
PCLK (neg.) to USYNC
±500
±500
±500
ps
tpe
Phase Error
±250
±250
±250
ps
RCLK to REF_CLK
tj(2)
Output Jitter
–50
+50
–50
+50
–50
+50
ps
Peak to Peak,
Cycle to Cycle
tdc(2)
Output Duty Cycle
49
51
49
51
49
51
%
tr
Rise/Fall Times
100
800
100
800
100
800
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)
VCC = 3.3V
±10%; VEE = –1.9V
NOTES:
1. All HSTL outputs terminated into 50 ohms in parallel with 3pf to GND.
2. tskew, tj, tdc, tr and tf are specified by HP for the PA-8000. This is our best information as of the date of this document.
TA = 0
°CTA = +25°CTA = +70°C
(2)
HSTL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC – 2.3
VCC – 2.1
V
VOL
Output LOW Voltage
VCC – 3.1
VCC – 2.9
V
VCC = 3.3V
±10%; VEE = –1.9V


Similar Part No. - SY89801AMCA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89808L MICREL-SY89808L Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89808LTG MICREL-SY89808LTG Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89808LTGTR MICREL-SY89808LTGTR Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89808LTI MICREL-SY89808LTI Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89808LTITR MICREL-SY89808LTITR Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89801AMCA

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
   Power Analyzer PCE-PA 8000
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
   Audio Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
   VOIP Clock Source
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com