Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9520-100A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK9520-100A
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9520-100A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9520-100A_15 Datasheet HTML 3Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 9Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 10Page - NXP Semiconductors BUK9520-100A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BUK9520-100A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 7 February 2011
7 of 13
NXP Semiconductors
BUK9520-100A
N-channel TrenchMOS logic level FET
Fig 9.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Gate-source threshold voltage as a function of
junction temperature
Fig 12. Drain-source on-state resistance as a function
of drain current; typical values
03nd83
0
20
40
60
80
0123
VGS (V)
ID
(A)
Tj = 175 °C
Tj = 25 °C
03nd81
0
1
2
3
4
5
0
2040
6080
100
QG (nC)
VGS
(V)
VDD = 80 V
VDD = 14 V
03aa33
0
0.5
1
1.5
2
2.5
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max
typ
min
03nd86
10
20
30
40
0
50
100
150
200
250
ID (A)
RDSon
(m
Ω)
3.2 3.4 3.6 3.8
5
VGS (V) = 3


Similar Part No. - BUK9520-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9520-100A PHILIPS-BUK9520-100A Datasheet
321Kb / 15P
   TrenchMOS logic level FET
Rev. 01-7 February 2001
logo
Inchange Semiconductor ...
BUK9520-100A ISC-BUK9520-100A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9520-100A NEXPERIA-BUK9520-100A Datasheet
477Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 7 February 2011
More results

Similar Description - BUK9520-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com