Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89429AJC Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89429AJC
Description  PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89429AJC Datasheet(HTML) 9 Page - Micrel Semiconductor

  SY89429AJC Datasheet HTML 1Page - Micrel Semiconductor SY89429AJC Datasheet HTML 2Page - Micrel Semiconductor SY89429AJC Datasheet HTML 3Page - Micrel Semiconductor SY89429AJC Datasheet HTML 4Page - Micrel Semiconductor SY89429AJC Datasheet HTML 5Page - Micrel Semiconductor SY89429AJC Datasheet HTML 6Page - Micrel Semiconductor SY89429AJC Datasheet HTML 7Page - Micrel Semiconductor SY89429AJC Datasheet HTML 8Page - Micrel Semiconductor SY89429AJC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
ClockWorks™
SY89429A
Micrel
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
3250 SCOTT BOULEVARD
SANTA CLARA
CA 95054
USA
TEL
+ 1 (408) 980-9191 FAX + 1 (408) 914-7878 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 2000 Micrel Incorporated


Similar Part No. - SY89429AJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429AJC MICREL-SY89429AJC Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429AJCTR MICREL-SY89429AJCTR Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
More results

Similar Description - SY89429AJC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com