Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9606-40B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9606-40B
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9606-40B Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9606-40B_15 Datasheet HTML 1Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 2Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9606-40B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BUK9606-40B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 1 February 2011
5 of 14
NXP Semiconductors
BUK9606-40B
N-channel TrenchMOS logic level FET
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction
to mounting base
see Figure 4
--0.74
K/W
Rth(j-a)
thermal resistance from junction
to ambient
minimum footprint ; mounted on a PCB
-
50
-
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
03nm22
tp (s)
10−6
10−1
1
10−2
10−3
10−5
10−4
10−1
10−2
1
Zth(j-mb)
(K/W)
10−3
single shot
0.2
0.1
0.05
0.02
δ = 0.5
tp
tp
T
P
t
T
δ =


Similar Part No. - BUK9606-40B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9606-40B NXP-BUK9606-40B Datasheet
306Kb / 15P
   TrenchMOS logic level FET
Rev. 01-14 May 2003
logo
Inchange Semiconductor ...
BUK9606-40B ISC-BUK9606-40B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9606-40B NEXPERIA-BUK9606-40B Datasheet
824Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 1 February 2011
More results

Similar Description - BUK9606-40B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com