Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9606-55B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9606-55B
Description  N-channel TrenchMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9606-55B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK9606-55B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 10Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 11Page - NXP Semiconductors BUK9606-55B_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BUK9606-55B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 23 July 2009
8 of 13
NXP Semiconductors
BUK9606-55B
N-channel TrenchMOS FET
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Fig 11. Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
−60
180
120
060
03ng52
1.0
1.5
0.5
2.0
2.5
VGS(th)
(V)
0
Tj (°C)
min
typ
max
03ng53
VGS (V)
03
2
1
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
03nj64
4
5
6
7
3
7
11
15
VGS (V)
RDSon
(m
Ω)
03ne89
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a


Similar Part No. - BUK9606-55B_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUK9606-55B ETC1-BUK9606-55B Datasheet
115Kb / 15P
   N-channel TrenchMOSTM logic level FET
logo
NXP Semiconductors
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
logo
Inchange Semiconductor ...
BUK9606-55B ISC-BUK9606-55B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9606-55B NEXPERIA-BUK9606-55B Datasheet
692Kb / 13P
   N-channel TrenchMOS FET
Rev. 04 - 23 July 2009
More results

Similar Description - BUK9606-55B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
   N-channel TrenchMOS FET
Rev. 03-25 February 2008
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
logo
NXP Semiconductors
BUK9506-55B NXP-BUK9506-55B Datasheet
195Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com