Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89425 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89425
Description  DUAL SONET OC-12 CLOCK SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89425 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89425 Datasheet HTML 1Page - Micrel Semiconductor SY89425 Datasheet HTML 2Page - Micrel Semiconductor SY89425 Datasheet HTML 3Page - Micrel Semiconductor SY89425 Datasheet HTML 4Page - Micrel Semiconductor SY89425 Datasheet HTML 5Page - Micrel Semiconductor SY89425 Datasheet HTML 6Page - Micrel Semiconductor SY89425 Datasheet HTML 7Page - Micrel Semiconductor SY89425 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ClockWorks™
SY89425
Micrel
FUNCTIONAL BLOCK DIAGRAM
VCCA
GND
FLTRAP/N
VCCOA
23
Φ/f
CHG
PUMP
622MHz
VCO
Φ/f
CHG
PUMP
622MHz
VCO
FEEDBACK
DIVIDER
(8/12/16)
PLL A
PLL B
VCCB
GND
FLTRBP/N
VCCOB
32
RFCKA (TTL)
SEL39A (TTL)
RFCKB (TTL)
SEL78A (TTL)
SEL78B (TTL)
SEL39B (TTL)
RSTA (TTL)
CK622AP
CK622AN
(PECL)
CK622BP
CK622BN
(PECL)
RSTB (TTL)
FEEDBACK
DIVIDER
(8/12/16)


Similar Part No. - SY89425

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89420 MICREL-SY89420 Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJC MICREL-SY89420VJC Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89420VJCTR MICREL-SY89420VJCTR Datasheet
92Kb / 8P
   5V/3.3V DUAL PHASE LOCKED LOOP
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - SY89425

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_07 Datasheet
279Kb / 17P
   SONET OC-48 Transceiver
logo
Texas Instruments
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com