Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88923VKG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88923VKG
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923VKG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88923VKG Datasheet HTML 1Page - Micrel Semiconductor SY88923VKG Datasheet HTML 2Page - Micrel Semiconductor SY88923VKG Datasheet HTML 3Page - Micrel Semiconductor SY88923VKG Datasheet HTML 4Page - Micrel Semiconductor SY88923VKG Datasheet HTML 5Page - Micrel Semiconductor SY88923VKG Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY88923V
Micrel, Inc.
M9999-051706
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88923VKC
K10-1
Commercial
923V
Sn-Pb
SY88923VKCTR(2)
K10-1
Commercial
923V
Sn-Pb
SY88923VKG(3)
K10-1
Industrial
923V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88923VKGTR(2, 3)
K10-1
Industrial
923V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
General
The SY88923V is an integrated limiting amplifier intended
for high-frequency fiber-optic applications. The circuit
connects to typical trans-impedance amplifiers found within
a fiber-optics link. The linear signal output from a trans-
impedance amplifier can contain significant amounts of noise,
and may vary in amplitude over time. The SY88923V limiting
amplifier quantizes the signal and outputs a voltage-limited
waveform.
The /EN pin allows the user to disable the output signal
without removing the input signal.
GENERAL DESCRIPTION
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
0 to +7.0
V
D
IN, /DIN
Input Voltage
0 to V
CC
V
D
OUT, /DOUT
Output Voltage (with 50
Ω load)
V
CC –2.5 to VCC +0.3
V
/EN
Input Voltage
0 to V
CC
V
LOS
LVL
Input Voltage
0 to V
CC
V
V
REF
Output Voltage
V
CC –2.0 to VCC
V
T
A
Operating Temperature Range
–40 to +85
°C
T
store
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
Pin
Type
Function
D
IN
Data Input
Data Input
/D
IN
Data Input
Inverting Data Input
LOS
LVL
Input
LOS Limit Set
/EN
TTL Input
Output Enable (Active Low)
LOS
TTL Output
Loss of Signal Indicator
(Open Collector)
(Active High)
GND
Ground
Ground
/D
OUT
PECL Output
Inverting Data Output
D
OUT
PECL Output
Data Output
V
CC
Power Supply
Positive Power Supply
V
REF
Output
Reference Voltage Output for
LOS Level Set (see Fig. 3)
PIN NAMES
1
/EN
DIN
/DIN
VREF
LOSLVL
10 VCC
DOUT
/DOUT
LOS
GND
9
8
7
6
2
3
4
5
MSOP
K10-1


Similar Part No. - SY88923VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88923VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_06 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923_11 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923 Datasheet
57Kb / 5P
   High-Speed Limiting Post Amplifier
logo
Micrel Semiconductor
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com