Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY67013_396LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY67013_396LF
Description  300 to 1500 MHz Low-Noise, Low-Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67013_396LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY67013_396LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67013_396LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DATA SHEET • SKY67013-396LF: LOW-NOISE, LOW-CURRENT AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
April 22, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201657F
Table 1. SKY67013-396LF Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
VBIAS
Bias for first stage amplifier. External
resistor sets current consumption.
5
N/C
No connection. May be connected to ground
with no change in performance.
2
RF_IN
RF input. DC blocking capacitor required.
6
N/C
No connection. May be connected to ground
with no change in performance.
3
N/C
No connection. May be connected to ground
with no change in performance.
7
RF_OUT/VDD
RF output. Apply VDD through RF choke
inductor. DC blocking capacitor required.
4
N/C
No connection. May be connected to ground
with no change in performance.
8
N/C
No connection. May be connected to ground
with no change in performance.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY67013-396LF are
provided in Table 2. Electrical specifications are provided in
Tables 3 (15 mA operation) and 4 (5 mA operation).
Typical performance characteristics of the SKY67013-396LF are
illustrated in Figures 3 through 15 (for 15 mA quiescent current),
and Figures 16 through 26 (for 5 mA quiescent current).
Table 2. SKY67013-396LF Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage
VDD
3.3
5.5
V
Drain current
IDD
15
50
mA
RF input power
PIN
+18
dBm
Storage temperature
TSTG
–65
+25
+125
C
Operating temperature
TA
–40
+25
+85
C
Thermal resistance
ΘJC
128
C/W
Electrostatic discharge:
Human Body Model (HBM), Class 1A
ESD
500
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.


Similar Part No. - SKY67013_396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013-396LF SKYWORKS-SKY67013-396LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY67013-396LF SKYWORKS-SKY67013-396LF_15 Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current Amplifier
More results

Similar Description - SKY67013_396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67013-396LF SKYWORKS-SKY67013-396LF_15 Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current Amplifier
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
SKY65045-70LF SKYWORKS-SKY65045-70LF Datasheet
3Mb / 22P
   390 - 1500 MHz Low Noise Power Amplifier Driver
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
logo
Mini-Circuits
VLF-1500 MINI-VLF-1500 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1500 MHz
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com