Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65605 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY65605
Description  BDS-GPS-GNSS Low-Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65605 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY65605_21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65605_21 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203448A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 13, 2015
1
PRODUCT SUMMARY
SKY65605-21: BDS/GPS/GNSS Low-Noise Amplifier
Applications
 BDS/GPS/GNSS radio receivers
 Global Navigation Satellite Systems (GLONASS)
 Smartphones
 Tablet/laptop PCs
 Personal navigation devices
Features
 Small signal gain: 19 dB typical
 High IIP3
 Low noise figure: 0.75 dB typical
 IP1dB: up to –14.0 dBm
 Low current consumption
 Input/output impedance internally matched to 50 Ω
 Single DC supply: 1.8 to 2.8 V
 Minimal number of external components required
 Ultra-small QFN (6-pin, 0.7 x 1.1 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
Input
Match
LNA
RF_IN
RF_OUT
Output
Match
Enable
Y1734
Figure 1. SKY65605-21 Block Diagram
Description
The SKY65605-21 is a Microwave Monolithic Integrated Circuit
(MMIC) front-end low-noise amplifier (LNA) designed for BeiDou
Satellite Navigation System/Global Positioning System/Global
Navigation Satellite System (BDS/GPS/GNSS) receiver
applications. The device provides high linearity, excellent gain, a
high 1 dB Input Compression Point (IP1dB), and a superior noise
figure (NF).
The SKY65605-21 is optimized to operate from 1.5500 to
1.6018 GHz, which makes it ideal for BDS/GPS/GNSS radio
receiver applications.
The SKY65605-21 is fabricated using advanced SiGe BiCMOS
technology. The LNA uses surface-mount technology (SMT) in the
form of a 0.7 x 1.1 mm Quad Flat No-Lead (QFN) package, which
allows for a highly manufacturable and low-cost solution.
A functional block diagram is shown in Figure 1.


Similar Part No. - SKY65605_21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
More results

Similar Description - SKY65605_21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
logo
Skyworks Solutions Inc.
SKY65715-81 SKYWORKS-SKY65715-81 Datasheet
189Kb / 2P
   Low-Noise Amplifier Front-End Module with GPS-GNSS-BDS Pre-Filter
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65713-11 SKYWORKS-SKY65713-11 Datasheet
167Kb / 2P
   Low-Noise Amplifier Front-End Module with BDS-GPS-GNSS Pre-Filter
SKY65723-81 SKYWORKS-SKY65723-81 Datasheet
598Kb / 10P
   Low-Noise Amplifier Front-End Module with GPS/GNSS/BDS Pre-Filter
July 8, 2019
SKY65611-11 SKYWORKS-SKY65611-11 Datasheet
191Kb / 2P
   GPS/GLONASS/Galileo/BDS Low-Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com