Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL2671286IPZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL2671286IPZ
Description  12-Bit, 20kSPS SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2671286IPZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL2671286IPZ Datasheet HTML 1Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 2Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 3Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 4Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 5Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 6Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 7Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 8Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
12-Bit, 20kSPS SAR ADC
ISL2671286
The ISL2671286 is a sampling SAR-type ADC which features
excellent linearity over supply and temperature variations, and
provides a drop-in compatible alternative to all ADS1286
performance grades. The robust high impedance input
minimizes errors due to leakage currents, and specified
measurement accuracy is maintained with input signals up to
the supply rails.
The reference accepts inputs between 1.25V to 5.0V, providing
design flexibility in a wide variety of applications. The
ISL2671286 also features up to 8kV Human Body Model ESD
survivability.
The serial digital interface is SPI compatible and is easily
interfaced to all popular FPGAs and microcontrollers.
Operating from a 5V supply, power dissipation is 1.4mW at a
sampling rate of 20kSPS and just 15µW between conversions
utilizing the Auto Power-Down mode. These features make the
ISL2671286 an excellent solution for remote industrial
sensors and battery-powered instruments.
The ISL2671286 is available in an 8 Ld SOIC package and is
specified for operation over the industrial temperature range
of –40°C to +85°C.
Features
• Drop-In Compatible with ADS1286 (All Performance Grades)
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 20kHz Sampling Rate
• +4.50V to +5.25V Supply
• Low 280µA Operating Current (20kSPS)
• Power-down Current between Conversions: 3µA
• Excellent Differential Non-Linearity (0.75LSB Max)
• Low THD: -83dB (Typ)
• Pb-Free (RoHS Compliant)
• Available in SOIC Package
Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers
FIGURE 1. BLOCK DIAGRAM
FIGURE 2. DIFFERENTIAL LINEARITY ERROR vs CODE
SERIAL
INTERFACE
+VCC
VREF
GND
+IN
–IN
DCLOCK
DOUT
CS/SHDN
SAR
LOGIC
VREF
-3
-2
-1
0
1
2
3
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
November 1, 2011
FN7863.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286IPZ INTERSIL-ISL2671286IPZ Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286IPZ RENESAS-ISL2671286IPZ Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results

Similar Description - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com