Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267450AIUZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL267450AIUZ-T
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450AIUZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL267450AIUZ-T Datasheet HTML 7Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 8Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 9Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 10Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 11Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 12Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 13Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 14Page - Intersil Corporation ISL267450AIUZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL267440, ISL267450A
11
FN7708.2
June 28, 2012
Functional Description
The ISL267440, ISL267450A are based on a successive
approximation register (SAR) architecture utilizing capacitive
charge redistribution digital to analog converters (DACs).
Figure 21 shows a simplified representation of the converter.
During the acquisition phase (ACQ) the differential input is stored
on the sampling capacitors (CS). The comparator is in a balanced
state since the switch across its inputs is closed. The signal is
fully acquired after tACQ has elapsed, and the switches then
transition to the conversion phase (CONV) so the stored voltage
may be converted to digital format. The comparator will become
unbalanced when the differential switch opens and the input
switches transition (assuming that the stored voltage is not
exactly at mid-scale). The comparator output reflects whether the
stored voltage is above or below mid-scale, which sets the value
of the MSB. The SAR logic then forces the capacitive DACs to
adjust up or down by one quarter of full-scale by switching in
binarily weighted capacitors. Again, the comparator output
reflects whether the stored voltage is above or below the new
value, setting the value of the next lowest bit. This process
repeats until all 12 bits have been resolved.
An external clock must be applied to the SCLOCK pin to generate
a conversion result. The allowable frequency range for SCLOCK is
10kHz to 18MHz (556SPS to 1MSPS). Serial output data is
transmitted on the falling edge of SCLOCK. The receiving device
(FPGA, DSP or Microcontroller) may latch the data on the rising
edge of SCLOCK to maximize set-up and hold times.
A stable, low-noise reference voltage must be applied to the
VREF pin to set the full-scale input range and common-mode
voltage. See “Voltage Reference Input” on page 12 for more
details.
ADC Transfer Function
The output coding for the ISL267440, ISL267450A is twos
complement. The first code transition occurs at successive LSB
values (i.e., 1 LSB, 2 LSB, and so on). The LSB size of the
ISL267450A is 2*VREF/4096, while the LSB size of the
ISL267440 is 2*VREF/1024. The ideal transfer characteristic of
the ISL267440, ISL267450A is shown in Figure 22.
Analog Input
The ISL267440, ISL267450A feature a fully differential input
with a nominal full-scale range equal to twice the applied VREF
voltage. Each input swings VREF VP-P, 180° out of phase from
one another for a total differential input of 2*VREF (refer to
Figure 23). Differential signaling offers several benefits over a
single-ended input, such as:
• Doubling of the full-scale input range (and therefore the
dynamic range)
• Improved even order harmonic distortion
• Better noise immunity due to common mode rejection
Figure 24 shows the relationship between the reference voltage
and the full-scale input range for two different values of VREF.
FIGURE 21. SAR ADC ARCHITECTURAL BLOCK DIAGRAM
VIN
+
VIN
VREF
ACQ
CONV
ACQ
ACQ
CONV
CONV
SAR
LOGIC
CS
CS
FIGURE 22. IDEAL TRANSFER CHARACTERISTICS
FIGURE 23. DIFFERENTIAL INPUT SIGNALING
1LSB = 2•VREF/4096
100...000
100...001
100...010
111...111
000...000
000...001
011...110
011...111
ANALOG INPUT
VIN+ – (VIN–)
–VREF
+ ½LSB
+VREF
– 1½LSB
0V
+VREF
– 1LSB
ISL267440,
ISL267450A
VCM
VREF P-P
VREF P-P
VIN
+
VIN


Similar Part No. - ISL267450AIUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL267450AIUZ-T RENESAS-ISL267450AIUZ-T Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267450AIUZ-T7A RENESAS-ISL267450AIUZ-T7A Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Similar Description - ISL267450AIUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com