Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267452IHZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL267452IHZ-T
Description  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452IHZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL267452IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL267452
6
FN8255.0
July 26, 2012
ILEAK
Input DC Leakage Current
-1
1
µA
CVIN
Input Capacitance
Track/Hold mode
13/5
pF
REFERENCE INPUT
VREF
VREF Input Voltage Range
VDD = 3V (1% tolerance for specified
performance)
2.0
V
VDD = 5V (1% tolerance for specified
performance)
2.5
V
ILEAK
DC Leakage Current
-1
1
μA
CVREF
VREF Input Capacitance
Track/Hold mode
21/18.5
pF
LOGIC INPUTS
VIH
Input High Voltage
2.4
V
VIL
Input Low Voltage
0.8
V
ILEAK
Input Leakage Current
-1
1
µA
CIN
Input Capacitance
10
pF
LOGIC OUTPUTS
VOH
Output High Voltage
ISOURCE = 200µA
VDD - 0.3
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
V
IOZ
Floating-State Output Current
-1
1
µA
COUT
Floating-State Output Capacitance
10
pF
Output Coding
Two’s Complement
CONVERSION RATE
tCONV
Conversion Time
fSCLK = 10MHz
1.6
µs
tACQ
Acquisition Time
200
ns
fmax
Throughput Rate
555
kSPS
POWER REQUIREMENTS
VDD
Positive Supply Voltage Range
2.7
3.6
V
4.75
5.25
V
IDD
Positive Supply Input Current
Static
1
µA
Dynamic
3V
1250
µA
5V
1700
µA
Power Dissipation
Static Mode
VDD = 3V
3
µW
VDD = 5V
5
µW
Dynamic
VDD = 3V, fsmpl =555kSPS
3.75
mW
VDD = 5V, fsmpl =555kSPS
8.5
mW
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. The absolute voltage applied to each analog input must be between GND and VDD to guarantee datasheet performance.
Electrical Specifications VDD = +3.0V to +3.6V, fSCLK = 10MHz, fS = 555kSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, fSCLK =10MHz,
fS = 555kSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
ISL267452
UNITS
MIN
(Note 7)
TYP
MAX
(Note 7)


Similar Part No. - ISL267452IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T RENESAS-ISL267452IHZ-T Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T7A INTERSIL-ISL267452IHZ-T7A Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T7A RENESAS-ISL267452IHZ-T7A Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
More results

Similar Description - ISL267452IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com