Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88905 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88905
Description  LASER DIODE CONTROLLER WITH APC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88905 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88905 Datasheet HTML 1Page - Micrel Semiconductor SY88905 Datasheet HTML 2Page - Micrel Semiconductor SY88905 Datasheet HTML 3Page - Micrel Semiconductor SY88905 Datasheet HTML 4Page - Micrel Semiconductor SY88905 Datasheet HTML 5Page - Micrel Semiconductor SY88905 Datasheet HTML 6Page - Micrel Semiconductor SY88905 Datasheet HTML 7Page - Micrel Semiconductor SY88905 Datasheet HTML 8Page - Micrel Semiconductor SY88905 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DESCRIPTION
s DC bias current adjustable to 25mA
s Buffered Loss-of-Signal output when used with
SY88903
s Monitor Diode power control circuit
s Designed for use with SY88902 and SY88903
s Single power supply
s Available in 10-pin (3mm) MSOP
The SY88905 is an integrated Laser Diode controller for
the SY88902 Laser Driver and SY88903 Laser Receiver
that provides power control functions for a complete module
solution. The SY88905 is designed to provide the laser
diode with an independent DC threshold current (IBIAS)
source to assure optimum laser diode performance. The
SY88905 also provides buffered Loss-of-Signal (LOS) output
in PECL level. The device is designed for fast and accurate
calibration of the laser diode.
Once the optimal operating point is determined and set
for a specific laser diode, the threshold current (IBIAS) is
designed to automatically compensate for laser diode aging
and module temperature.
FEATURES
LASER DIODE
CONTROLLER
WITH APC
SY88905
PIN CONFIGURATION
APPLICATIONS
s Controller for High Speed Optical Data Transmission
s 1.25Gbps Gigabit Ethernet
s 531 Mbps and 1062Mbps Fibre Channel
s 622Mbps SONET
s Gigabit Interface Converter
BLOCK DIAGRAM
1
LOSIN
LOSOUT
GND
IBIAS
VCC
10 VREF
IBIAS SET
IBIAS FB
IPIN SET
MD
9
8
7
6
2
3
4
5
MSOP
K10-1
IPIN SET
VCC
IBIAS FB
IBIAS
MD
VREF 2
-
+
IBIAS SET
VREF
GND
40X
VREF2
LOSIN
LOSOUT
1
Rev.: B
Amendment: /1
Issue Date:
July 2000


Similar Part No. - SY88905

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88905 MICREL-SY88905 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KC MICREL-SY88905KC Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KCTR MICREL-SY88905KCTR Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KH MICREL-SY88905KH Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905KHTR MICREL-SY88905KHTR Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
More results

Similar Description - SY88905

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
logo
Roithner LaserTechnik G...
ADL-65075TA4 ROITHNER-ADL-65075TA4 Datasheet
176Kb / 2P
   Visible Laser Diode with integrated APC
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
   Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
   Laser Diode Driver with APC Amplifier for Printers
logo
Asahi Kasei Microsystem...
AK2573A AKM-AK2573A Datasheet
267Kb / 38P
   125M / 156M Laser Diode Driver APC
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Elantec Semiconductor
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com