Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78235EVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78235EVAL1Z
Description  5A Automotive Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78235EVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78235EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL78235EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL78235
3
FN8713.2
July 1, 2015
Submit Document Feedback
Pin Configuration
ISL78235
(16 LD TQFN)
TOP VIEW
1
3
4
VIN
VDD
SYNC
2
7
5
6
FB
PGND
PG
8
11
9
10
16
13
15
14
12
SGND
PGND
EPAD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 16
VIN
Input supply voltage. Place a minimum of two 22µF low ESR ceramic capacitors from VIN to PGND as close
as possible to the IC for decoupling.
2
VDD
Input supply voltage for the logic circuitry. A 0.1µF high frequency decoupling ceramic capacitor should also
be placed close to the VDD and SGND pin. Connect to VIN pin.
3
PG
PG is an open-drain output for power-good indication. Use a 10kΩ to 100kΩ pull-up resistor connected from
PG to VIN. At power-up or EN high, PG rising edge is delayed by 1ms upon output voltage within regulation.
4
SYNC
Mode selection pin. Connect to logic high or input voltage VIN for forced PWM mode. Connect to logic low or
ground for PFM mode. Connect to an external function generator for synchronization with a positive edge
trigger. In external synchronization the ISL78235 operates in forced PWM mode. The transition to and from
internal oscillator to external synchronization is seamless and does not require disabling of the ISL78235.
There is an internal 1MΩ pull-down resistor to SGND to prevent an undefined logic state if SYNC pin is
floating.
5
EN
Regulator enable pin. Regulator is enabled when driven logic high. Regulator is shutdown and PHASE pin
discharge output capacitor when enable pin driven low.
6
FS
This pin sets the internal oscillator switching frequency using a resistor, RFS, from the FS pin to GND. The
frequency of operation may be programmed between 500kHz to 4MHz. The switching frequency is 2MHz if
FS is connected to VIN.
7
SS
SS is used to adjust the soft-start time. Connect SS pin to SGND for internal 1ms soft-start time. Connect a
capacitor from SS to SGND to adjust the soft-start time. Do not use more than 33nF on the SS pin.
8
COMP
COMP is the output of the error amplifier if COMP is not connected to VDD. An external compensation
network must be used if COMP is not tied to VDD. If COMP is tied to VDD, the error amplifier output is
internally compensated. External compensation network across COMP and SGND may be required to
improve the loop compensation of the amplifier.
9
FB
The feedback network of the regulator, FB, is the negative input to the transconductance error amplifier. The
output voltage is set by an external resistor divider connected to FB. With a properly selected divider, the
output voltage can be set to any voltage between the power rail (reduced by converter losses) and the 0.6V
reference. In addition, the regulator power-good and undervoltage protection circuitry use FB to monitor the
regulator output voltage.
10
SGND
Signal ground, Connect to PGND.
11, 12
PGND
Power ground
13, 14, 15
PHASE
Switching node connections. Connect to one terminal of the inductor. This pin is discharged by a 100Ω
resistor when the device is disabled. See “Functional Block Diagram” on page 2 for more detail.
Exposed Pad
EPAD
The exposed pad must be connected to the SGND pin for proper electrical performance. Place as many vias
as possible under the pad connecting to SGND plane for optimal thermal performance.


Similar Part No. - ISL78235EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78235EVAL1Z RENESAS-ISL78235EVAL1Z Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
More results

Similar Description - ISL78235EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235R5668 INTERSIL-ISL78235R5668 Datasheet
1Mb / 20P
   Automotive 5A Synchronous Buck Regulator
January 21, 2016
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
   5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com