Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78214ARZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL78214ARZ
Description  4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78214ARZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL78214ARZ Datasheet HTML 3Page - Intersil Corporation ISL78214ARZ Datasheet HTML 4Page - Intersil Corporation ISL78214ARZ Datasheet HTML 5Page - Intersil Corporation ISL78214ARZ Datasheet HTML 6Page - Intersil Corporation ISL78214ARZ Datasheet HTML 7Page - Intersil Corporation ISL78214ARZ Datasheet HTML 8Page - Intersil Corporation ISL78214ARZ Datasheet HTML 9Page - Intersil Corporation ISL78214ARZ Datasheet HTML 10Page - Intersil Corporation ISL78214ARZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL78214
7
FN7551.3
May 12, 2015
Submit Document Feedback
FIGURE 9. POWER DISSIPATION WITH NO LOAD vs VIN
(PFM VOUT = 1.8V)
FIGURE 10. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.2V)
FIGURE 11. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.5V)
FIGURE 12. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 13. VOUT REGULATION vs LOAD (1MHz, VOUT = 2.5V)
FIGURE 14. VOUT REGULATION vs LOAD (1MHz, VOUT = 3.3V)
Typical Operating Performance Unlessotherwisenoted,operatingconditionsare:T
A = +25°C, VVIN = 2.5V to 5.5V,
EN = VIN, SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 4A. (Continued)
0
0.05
0.10
0.15
0.20
0.25
2.02.5
3.03.5
4.04.5
5.05.5
VIN (V)
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0.00.5
1.01.5
2.02.5
3.03.5
4.0
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
0.0
0.5
1.01.5
2.02.5
3.03.5
4.0
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
4.5VIN-PWM
4.5VIN-PFM


Similar Part No. - ISL78214ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214ARZ RENESAS-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL78214ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023 Datasheet
628Kb / 19P
   3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com