Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301530157 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301530157
Description  Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301530157 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301530157 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301530157
Status:
Active
Overview:
Ground Fault Circuit Interrupter (GFCI) Products
Description:
Super-Safeway® In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset,
Molded NEMA L6-20 Plug & Connector, 20A, 240V, 0.61m (2.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Product Literature (PDF)
Agency Certification
UL
E66308
General
Product Family
Power Distribution
Series
130153
Enclosure Rating
NEMA 4X
GFCI Reset
Automatic
Mounting Style
Portable
Open Neutral Relay
Yes
Overview
Ground Fault Circuit Interrupter (GFCI) Products
Product Literature Order No
987650-7737, 987651-0452
Product Name
Super-Safeway™
Receptacle Type
N/A
Type
GFCI Industrial Duty, Single Phase
UPC
78678888289
Woodhead
Yes
Physical
Cord Diameter
10.67mm (.420")
Cord Grip Body Size
Internal Double C-Clamp
Cord Length
0.61m (2.0')
Feed-Thru
Yes
Flip Lid
No
Material - Housing
Nylon
Number of Receptacles
1
Packaging Type
Bag
Electrical
Cord Type
12/3 SJEOOW
Current - Maximum per Contact
20.0A
GFCI
Yes-In-line
Ground Continuity Monitor
No
NEMA Configuration
NEMA L6-20
Voltage - Maximum
120V
Material Info
Old Part Number
24052-1MLDA
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Relevant
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130153 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301530157

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530151 MOLEX-1301530151 Datasheet
281Kb / 1P
   INLINE GFCI 20A, 240V ATTACHABLE W/PLUG &CONN. WATERTITE
2022/01/20
1301530153 MOLEX1-1301530153 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
1301530153 MOLEX-1301530153 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
07/28/2021
1301530154 MOLEX1-1301530154 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
1301530155 MOLEX11-1301530155 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset,NEMA L6-20 Plug Connector
More results

Similar Description - 1301530157

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130153-0160 MOLEX11-130153-0160 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0188 MOLEX11-130153-0188 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0190 MOLEX11-130153-0190 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0020 MOLEX11-130153-0020 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0040 MOLEX11-130153-0040 Datasheet
36Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0200 MOLEX11-130153-0200 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
1301530188 MOLEX11-1301530188 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0159 MOLEX11-130153-0159 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0046 MOLEX11-130153-0046 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0047 MOLEX11-130153-0047 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0109 MOLEX11-130153-0109 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com