Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21010CFH325Z-TK Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL21010CFH325Z-TK
Description  Micropower Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010CFH325Z-TK Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL21010CFH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21010CFH325Z-TK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ISL21010
9
FN7896.3
January 8, 2015
Submit Document Feedback
Typical Performance Characteristics Curves (VOUT = 1.024V)
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified.
FIGURE 2. IIN vs VIN, THREE UNITS
FIGURE 3. IIN vs VIN, OVER-TEMPERATURE
FIGURE 4. LINE REGULATION, THREE UNITS
FIGURE 5. LINE REGULATION OVER-TEMPERATURE
FIGURE 6. LINE TRANSIENT RESPONSE WITH 0.22µF LOAD
FIGURE 7. LINE TRANSIENT RESPONSE WITH 10µF LOAD
20
25
30
35
40
45
50
55
60
65
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
UNIT 1
UNIT 2
UNIT 3
20
25
30
35
40
45
50
55
60
65
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
+125°C
+25°C
-40°C
-60
-50
-40
-30
-20
-10
0
10
20
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
UNIT 3
UNIT 2
UNIT 1
-30
-25
-20
-15
-10
-5
0
5
10
15
20
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
+125°C
+25°C
-40°C
TIME (µs)
-40
-20
0
20
40
60
0
250
500
750
1000
1250
1500
1750
2000
VIN = 5V
VIN = 5V
VIN = 4.5V
TIME (µs)
-20
-10
0
10
20
0
250
500
750
1000
1250
1500
1750
2000
VIN = 5V
VIN = 5V
VIN = 4.5V


Similar Part No. - ISL21010CFH325Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21010CFH325Z-TK INTERSIL-ISL21010CFH325Z-TK Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010CFH325Z-TK RENESAS-ISL21010CFH325Z-TK Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

Similar Description - ISL21010CFH325Z-TK

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com