Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4245EIR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL4245EIR
Description  QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4245EIR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL4245EIR Datasheet HTML 6Page - Intersil Corporation ISL4245EIR Datasheet HTML 7Page - Intersil Corporation ISL4245EIR Datasheet HTML 8Page - Intersil Corporation ISL4245EIR Datasheet HTML 9Page - Intersil Corporation ISL4245EIR Datasheet HTML 10Page - Intersil Corporation ISL4245EIR Datasheet HTML 11Page - Intersil Corporation ISL4245EIR Datasheet HTML 12Page - Intersil Corporation ISL4245EIR Datasheet HTML 13Page - Intersil Corporation ISL4245EIR Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN8038.5
May 13, 2010
Power-down Functionality
The already low current requirement drops significantly
when the device enters power-down mode. In power-down,
supply current drops to 10nA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the transmitter outputs tristate. Inverting receiver
outputs disable only in manual power-down; refer to Table 2
for details. This micro-power mode makes these devices
ideal for battery powered and portable applications.
Software Controlled (Manual) Power-down
These devices allow the user to force the IC into the low
power, standby state, and utilize a two pin approach where
the FORCEON and FORCEOFF inputs determine the IC’s
mode. For always enabled operation, FORCEON and
FORCEOFF are both strapped high. To switch between
active and power-down modes, under logic or software
control, only the FORCEOFF input need be driven. The
FORCEON state isn’t critical, as FORCEOFF dominates
over FORCEON. Nevertheless, if strictly manual control over
power-down is desired, the user must strap FORCEON high
to disable the enhanced automatic power-down circuitry.
ISL4238E, ISL4244E, ISL4245 inverting (standard) receiver
outputs also disable when the device is in manual power-
down, thereby eliminating the possible current path through
a shutdown peripheral’s input protection diode (see Figures
2 and 3).
Connecting FORCEOFF and FORCEON together disables
the enhanced automatic power-down feature, enabling them
to function as a manual SHUTDOWN input (see Figure 4).
With any of the previous mentioned control schemes, the
time required to exit power-down, and resume transmission
is only 100µs.
When using both manual and enhanced automatic power-
down (FORCEON = 0), the ISL4238E, ISL4244E, ISL4245
won’t power up from manual power-down until both
FORCEOFF and FORCEON are driven high, or until a
transition occurs on a receiver or transmitter input. Figure 5
illustrates a circuit for ensuring that the ISL4238E,
ISL4244E, ISL4245 powers up as soon as FORCEOFF
switches high. The rising edge of the Master Power-down
signal forces the device to power up, and the ISL4238E,
ISL4244E, ISL4245 returns to enhanced automatic power-
down mode an RC time constant after this rising edge. The
time constant isn’t critical, because the ISL4238E,
ISL4244E, ISL4245 remains powered up for 30s after the
FORCEON falling edge, even if there are no signal
transitions. This gives slow-to-wake systems (e.g., a mouse)
plenty of time to start transmitting, and as long as it starts
transmitting within 30s both systems remain enabled.
INVALID Output
The INVALID output always indicates (see Table 2) whether or
not 30µs have elapsed with invalid RS-232 signals (see Figures
6 and 9) persisting on all of the receiver inputs, giving the user
an easy way to determine when the interface block should
power down. Invalid receiver levels occur whenever the driving
peripheral’s outputs are shut off (powered down) or when the
RS-232 interface cable is disconnected. In the case of a
disconnected interface cable where all the receiver inputs are
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ISL4238E
TRANSITION
RX
TX
ROUTB
ROUT
T1IN
FORCEOFF = GND
VCC
VCC
TO
RIN
T1OUT
VOUT = HI-Z
POWERED
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
ISL4244E
ISL4245
FIGURE 4. CONNECTIONS FOR MANUAL POWER-DOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ISL4238E
MGT
LOGIC
UART
ISL4244E
ISL4245
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWER-DOWN
FORCEOFF
FORCEON
POWER
MASTER POWER-DOWN LINE
1M
Ω
0.1µF
MANAGEMENT
UNIT
ISL4238E, ISL4244E, ISL4245
ISL4238E, ISL4244E, ISL4245E


Similar Part No. - ISL4245EIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4245EIR INTERSIL-ISL4245EIR Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4245EIR RENESAS-ISL4245EIR Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4245EIR-T INTERSIL-ISL4245EIR-T Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4245EIR-T RENESAS-ISL4245EIR-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4245EIRZ INTERSIL-ISL4245EIRZ Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Similar Description - ISL4245EIR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com