Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4238EIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL4238EIRZ
Description  QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4238EIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL4238EIRZ Datasheet HTML 3Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 9Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 10Page - Intersil Corporation ISL4238EIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN8038.5
May 13, 2010
ENHANCED AUTOMATIC POWER-DOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
(see Figure 6)
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
(see Figure 6)
Full
-0.3
-
0.3
V
INVALID, Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID, Output Voltage High
IOUT = -1.0mA
Full
VCC - 0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
0.5
1
µs
Full
-
0.9
1.5
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
ISL4238E
25
-
60
100
µs
Full
100
150
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
ISL4244E/ISL42445E
25
-
30
50
µs
Full
40
60
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
(Note 4)
Full
-
20
100
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
(Note 4)
Full
15
30
60
sec
TIMING CHARACTERISTICS
Maximum Data Rate
ISL4238E/4244E
RL =3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Maximum Data Rate
ISL4245E
RL = 3kΩ, One Transmitter
Switching
CL = 1000pF
Full
250
900
-
kbps
VCC = 3V to 4.5V, CL = 250pF
Full
1000
2000
-
kbps
VCC = 4.5V to 5.5V,
CL = 1000pF
Full
1000
1500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output,
CL = 150pF
tPHL
25
-
0.15
0.3
µs
Full
-
0.2
0.35
µs
tPLH
25
-
0.3
0.5
µs
Full
-
0.35
0.55
µs
Receiver Skew
tPHL - tPLH, CL = 150pF
25
-
120
250
ns
Full
-
150
300
ns
Transmitter Propagation Delay
ISL4238E/44E
Transmitter Input to
Transmitter Output,
CL = 1000pF, RL = 3kΩ
tPHL
25
-
0.75
1
µs
Full
-
0.85
1.1
µs
tPLH
25
-
0.8
1
µs
Full
-
0.9
1.1
µs
Transmitter Skew ISL4238E/44E
tPHL - tPLH (see Note 6), RL = 3kΩ, CL = 1000pF
25
-
50
200
ns
Full
-
100
250
ns
Transmitter Propagation Delay
ISL4245E
Transmitter Input to
Transmitter Output,
CL = 1000pF, RL = 3kΩ
tPHL
25
-
0.4
0.8
µs
Full
-
0.5
0.8
µs
tPLH
25
-
0.35
0.7
µs
Full
-
0.4
0.7
µs
Transmitter Skew ISL4245E
tPHL - tPLH (see Note 5), RL = 3kΩ, CL = 1000pF
25
-
50
200
ns
Full
-
60
250
ns
Receiver Output Enable Time
Normal Operation, RL = 1kΩ to 0.5VCC, CL = 15pF
25
-
200
350
ns
Full
-
200
400
ns
Electrical Specifications
Test Conditions: ISL4238E VCC = 3.15V to 5.5V, C1 to C4 = 0.1µF; VCC = 3V, C1 to C4 = 0.22µF;
ISL424xE VCC = 3V to 5.5V, C1 to C4 = 0.1µF; Unless Otherwise Specified. Typicals are at TA = +25°C
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 7)
TYP
MAX
(Note 7) UNITS
ISL4238E, ISL4244E, ISL4245E


Similar Part No. - ISL4238EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4238EIRZ INTERSIL-ISL4238EIRZ Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238EIRZ RENESAS-ISL4238EIRZ Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIRZ-T INTERSIL-ISL4238EIRZ-T Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238EIRZ-T RENESAS-ISL4238EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Similar Description - ISL4238EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com