Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3244EIAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL3244EIAZ
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244EIAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL3244EIAZ Datasheet HTML 5Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 6Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 7Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 8Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 9Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 10Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 11Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 12Page - Intersil Corporation ICL3244EIAZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
The ICL3244E inverting receivers disable during forced
(manual) powerdown, but not during automatic powerdown
(see Table 2). Conversely, the monitor receiver remains
active even during manual powerdown making it extremely
useful for Ring Indicator monitoring. Standard receivers
driving powered down peripherals must be disabled to
prevent current flow through the peripheral’s protection
diodes (see Figures 2 and 3). This renders them useless for
wake up functions, but the corresponding monitor receiver
can be dedicated to this task as shown in Figure 3.
TABLE 2. POWERDOWN LOGIC TRUTH TABLE
RCVR OR
XMTR
EDGE
WITHIN 30
SEC?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
(NOTE 3)
ROUTB
OUTPUTS
RS-232
LEVEL
PRESENT
AT
RECEIVER
INPUT?
INVALID
OUTPUT
MODE OF OPERATION
ICL3224E, ICL3226E
NO
H
H
Active
Active
N.A.
NO
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
N.A.
YES
H
YES
H
L
Active
Active
N.A.
NO
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
N.A.
YES
H
NO
H
L
High-Z
Active
N.A.
NO
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
N.A.
YES
H
X
L
X
High-Z
Active
N.A.
NO
L
Manual Powerdown
X
L
X
High-Z
Active
N.A.
YES
H
ICL322XE - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
NOTE 4
NOTE 4
Active
Active
N.A.
YES
H
Normal Operation
X
NOTE 4
NOTE 4
High-Z
Active
N.A.
NO
L
Forced Auto Powerdown
ICL3244E
NO
H
H
Active
Active
Active
NO
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
Active
YES
H
YES
H
L
Active
Active
Active
NO
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
Active
YES
H
NO
H
L
High-Z
Active
Active
NO
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
Active
YES
H
X
L
X
High-Z
High-Z
Active
NO
L
Manual Powerdown
X
L
X
High-Z
High-Z
Active
YES
H
ICL3244E - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
NOTE 4
NOTE 4
Active
Active
Active
YES
H
Normal Operation
X
NOTE 4
NOTE 4
High-Z
High-Z
Active
NO
L
Forced Auto Powerdown
NOTES:
3. Applies only to the ICL3244E.
4. Input is connected to INVALID Output.
ICL3224E, ICL3226E, ICL3244E


Similar Part No. - ICL3244EIAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244EIAZ INTERSIL-ICL3244EIAZ Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3244EIAZ RENESAS-ICL3244EIAZ Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3244EIAZ-T INTERSIL-ICL3244EIAZ-T Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3244EIAZ-T RENESAS-ICL3244EIAZ-T Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244EIAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com