Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3159EFBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL3159EFBZ
Description  ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3159EFBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL3159EFBZ Datasheet HTML 4Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 5Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 6Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 7Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 8Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 9Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 10Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 11Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL3159E
8
FN6364.2
August 25, 2015
Submit Document Feedback
FIGURE 7A. TEST CIRCUIT
FIGURE 7B. MEASUREMENT POINTS
FIGURE 7. RECEIVER PROPAGATION DELAY
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
SIGNAL
GENERATOR
R
RO
RE
A
B
+1.5V
15pF
RO
+3V
0V
tPLH
1.5V
1.5V
VCC
0V
1.7V
1.7V
tPHL
A
1kΩ
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 12)0
+1.5V
GND
tZL (Note 12)0
-1.5V
VCC
tHZ(SHDN) (Note 15)0
+1.5V
GND
tLZ(SHDN) (Note 15)0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
GND
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
(Note 13)
(Note 13)
(Note 13)
Typical Performance Curves V
CC = 5V, TA = +25°C; unless otherwise specified
FIGURE 9. DRIVER OUTPUT CURRENT vs DIFFERENTIAL OUTPUT
VOLTAGE
FIGURE 10. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
110
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
+25°C
+85°C
+125°C
RD = 30Ω
RD = 54Ω
RD = 100Ω
RD = 20Ω
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
RD = 54Ω
RD = 100Ω
125
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5


Similar Part No. - ISL3159EFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3159EFBZ INTERSIL-ISL3159EFBZ Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3159EFBZ RENESAS-ISL3159EFBZ Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results

Similar Description - ISL3159EFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com