Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-674ATD Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI1-674ATD
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-674ATD Datasheet(HTML) 2 Page - Intersil Corporation

  HI1-674ATD Datasheet HTML 1Page - Intersil Corporation HI1-674ATD Datasheet HTML 2Page - Intersil Corporation HI1-674ATD Datasheet HTML 3Page - Intersil Corporation HI1-674ATD Datasheet HTML 4Page - Intersil Corporation HI1-674ATD Datasheet HTML 5Page - Intersil Corporation HI1-674ATD Datasheet HTML 6Page - Intersil Corporation HI1-674ATD Datasheet HTML 7Page - Intersil Corporation HI1-674ATD Datasheet HTML 8Page - Intersil Corporation HI1-674ATD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN3096.6
August 7, 2008
Ordering Information
PART NUMBER
PART MARKING
INL
TEMPERATURE RANGE
(°C)
PACKAGE
PKG.
DWG. #
HI3-574AJN-5
HI3-574AJN-5
±1.0 LSB
0 to +75
28 Ld PDIP
E28.6
HI3-574AJN-5Z (Notes 1, 3) HI3-574AJN-5Z
±1.0 LSB
0 to +75
28 Ld PDIP (Pb-Free)
E28.6
HI3-574AKN-5
HI3-574AKN-5
±0.5 LSB
0 to +75
28 Ld PDIP
E28.6
HI3-574AKN-5Z (Notes 1, 3) HI3-574AKN-5Z
±0.5 LSB
0 to +75
28 Ld PDIP (Pb-Free)
E28.6
HI1-574AJD-5 (Note 2)
HI1-574AJD -5
±1.0 LSB
0 to +75
28 Ld SBDIP (Pb-Free)
D28.6
HI1-574AKD-5 (Note 2)
HI1-574AKD -5
±0.5 LSB
0 to +75
28 Ld SBDIP (Pb-Free)
D28.6
HI1-574ASD-2 (Note 2)
HI1-574ASD -2
±1.0 LSB
-55 to +125
28 Ld SBDIP (Pb-Free)
D28.6
HI1-574ATD-2 (Note 2)
HI1- 574ATD-2
±0.5 LSB
-55 to +125
28 Ld SBDIP (Pb-Free)
D28.6
HI3-674AJN-5
HI3-674AJN-5
±1.0 LSB
0 to +75
28 Ld PDIP
E28.6
HI3-674AJN-5Z (Notes 1, 3) HI3-674AJN-5Z
±1.0 LSB
0 to +75
28 Ld PDIP (Pb-Free)
E28.6
HI3-674AKN-5
HI3-674AKN-5
±0.5 LSB
0 to +75
28 Ld PDIP
E28.6
HI3-674AKN-5Z (Notes 1, 3) HI3-674AKN-5Z
±0.5 LSB
0 to +75
28 Ld PDIP (Pb-Free)
E28.6
HI1-674AKD-5 (Note 2)
HI1-674AKD -5
±0.5 LSB
0 to +75
28 Ld SBDIP (Pb-Free)
D28.6
HI1-674ATD/883 (Note 2)
HI1-674ATD /883
±0.5 LSB
-55 to +125
28 Ld SBDIP (Pb-Free)
D28.6
NOTES:
1. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
HI-574A, HI-674A


Similar Part No. - HI1-674ATD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-674ATD-2 INTERSIL-HI1-674ATD-2 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI1-674ATD/883 INTERSIL-HI1-674ATD/883 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI1-674ATD/883 INTERSIL-HI1-674ATD/883 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
logo
Renesas Technology Corp
HI1-674ATD/883 RENESAS-HI1-674ATD/883 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
More results

Similar Description - HI1-674ATD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com