Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL303-1G13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL303-1G13
Description  3mm LED Right Angle Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL303-1G13 Datasheet(HTML) 1 Page - P-tec Corporation

  PL303-1G13_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.6
4.6
13.7
11.4
2.9
3.4
3.5
2.54
1.0
3.6
1.0
0.5
2.54
0.508
2.54
2.54
Ø1.09
Ø1.2
Recommended PCB Layout
PL303 Series 3mm LED Right Angle Holder
Features
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Color Diffused Lens
nm
Deg
Typ
Max
Min
Typ
Green
GaP
568
55°
2.1
2.6
9.0
17.0
PL303-1G13
Dominant
Wave
Length
nm
572
*Right Angle PCB Indicator
*Dual Locating Pins provide stability
during soldering
*Stand-off prevents Flux entrapment
*Housing Material Black Nylon UL94V-2
*1 Green LED with Color Diffused
Lens used
*11.4mm from PCB to Center of LED
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA)……...…...…….…………………………………………. 5.0V
Max Forward Current…………..………………….……..…………….……....….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…………………...….…… 100mA
Operating Temperature Range……………….………………….…….… -25°C to +85°C
Storage Temperature Range……………….……………….…..…….… -40°C to +100°C
Soldering Temperature (1.6 mm below body)………....………………….. 260°C for 5 seconds
Power Dissipation…………………………………………………………………. 78mW
10.30.14 Rev4 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL303-1G13_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL303-1G13 P-TEC-PL303-1G13 Datasheet
31Kb / 1P
   3mm LED Right Angle Holder
More results

Similar Description - PL303-1G13_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL303-1B01 P-TEC-PL303-1B01_14 Datasheet
32Kb / 1P
   3mm LED Right Angle Holder
PL303A-1B01 P-TEC-PL303A-1B01_14 Datasheet
32Kb / 1P
   3mm LED Right Angle Holder
PL303A-1Y01 P-TEC-PL303A-1Y01_14 Datasheet
32Kb / 1P
   3mm LED Right Angle Holder
PL303-1R24 P-TEC-PL303-1R24_14 Datasheet
32Kb / 1P
   3mm LED Right Angle Holder
PL303A-1R12 P-TEC-PL303A-1R12_14 Datasheet
32Kb / 1P
   3mm LED Right Angle Holder
PL303-1R12 P-TEC-PL303-1R12 Datasheet
31Kb / 1P
   3mm LED Right Angle Holder
PL303-1Y01 P-TEC-PL303-1Y01 Datasheet
31Kb / 1P
   3mm LED Right Angle Holder
PL303A-1Y01 P-TEC-PL303A-1Y01 Datasheet
31Kb / 1P
   3mm LED Right Angle Holder
PL303-1G13 P-TEC-PL303-1G13 Datasheet
31Kb / 1P
   3mm LED Right Angle Holder
PL303A-1R12 P-TEC-PL303A-1R12 Datasheet
31Kb / 1P
   3mm LED Right Angle Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com