Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN7100N Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IN7100N
Description  Hours and Minutes Setting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN7100N Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IN7100N Datasheet HTML 1Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 2Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 3Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 4Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 5Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 6Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 7Page - IK Semicon Co., Ltd IN7100N Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TECHNICAL DATA
January, 2011, Rev. 03
AUTOMOTIVE DIGITAL CLOCK IC
DESCRIPTION
IN7100 is a automotive digital clock, CMOS LSI.
It drives fluorescent indicator panel directly. It can
be driven by a 4.194304 MHz crystal oscillator or
an external clock signal (1024 Hz). It has 4-ways
display brightness control function and its display
format is 12 hours.
FEATURES
 4.194304 MHz crystal oscillator
 4-ways display brightness control
( Segment signal duty: 1, 1/4, 1/8, 1/16 )
 Hours and Minutes Setting
  30 seconds auto correction
 1024 Hz external clock drive
 1024 Hz SIGNAL output
 Segment Output: P-channel open drain
 40 DIP package MS-011AC
ABSOLUTE MAXIMUM RATINGS (Ta = 25
C)
Parameter
Symbol
Specification
Unit
Power Supply Voltage
VDD - VSS
 0.5 ~ + 8.0
V
Input Voltage
VIN
VSS  0.3 ~ VDD + 0.3
V
Output Voltage
VOUT
VDD  30 ~ VDD + 0.3
V
Operating Temperature
Ta
 40 ~ + 85
C
Storage Temperature
TSTG
 55 ~ + 125
C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DC CHARACTERISTICS (Ta=25
C, RH70%, CD=CG=15pF, Xtal=4.194304MHz)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Voltage
VDD-VSS
3.0
7.0
V
Power Supply Current
IDD
No output loads, VDD=6V
0.3
0.5
mA
Leakage Current
IOFF
VDD-VSS =5.0V
5.0
A
High Level Output Current
(1)
IOH1
VDD-VSS=3.0V, VDD-VOUT=0.5V
300
1500
A
High Level Output Current
(2)
IOH2
VDD-VSS=3.0V, VDD-VOUT=0.5V
500
1800
A
Low Level Output Current
(3)
IOL
VDD-VSS=3.0V, VOUT –VSS=0.5V
500
A
High Level Input Current
(4)
IIH1
VIN=VDD=6V
15
30
A
High Level Input Current
(5)
IIH2
VIN=VDD=6V
120
600
A
External Clock Duty
CLD
40
50
60
%
OSC. Feedback Resistance
RF
VDD=6V
3
M
IN7100
DIP-40
40
1


Similar Part No. - IN7100N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN7100 INTEGRAL-IN7100 Datasheet
316Kb / 7P
   AUTOMOTIVE DIGITAL CLOCK IC
logo
IK Semicon Co., Ltd
IN7100 IKSEMICON-IN7100 Datasheet
208Kb / 8P
   AUTOMOTIVE DIGITAL CLOCK IC
IN7100MQ IKSEMICON-IN7100MQ Datasheet
209Kb / 7P
   4-ways display brightness control
More results

Similar Description - IN7100N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1302 HMSEMI-HM1302 Datasheet
3Mb / 10P
   real time counting seconds, minutes, hours, day of the month
logo
Baumer IVO GmbH & Co. K...
B160 IVO-B160 Datasheet
347Kb / 2P
   Time and hours meters electromechanic
BE134 IVO-BE134 Datasheet
427Kb / 2P
   Time and hours meters electronic
ISI34 IVO-ISI34 Datasheet
580Kb / 4P
   Time and hours meters electronic
B148 IVO-B148 Datasheet
335Kb / 2P
   Time and hours meters electromechanic
logo
List of Unclassifed Man...
R500L ETC2-R500L Datasheet
274Kb / 3P
   QUICK SETTING REPROFILING AND ANCHORING MORTAR
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
logo
Sangdest Microelectroni...
SMP1255PUTG SMC-SMP1255PUTG Datasheet
391Kb / 6P
   Benchmark setting protection
logo
List of Unclassifed Man...
88974034 ETC2-88974034 Datasheet
129Kb / 5P
   Efficient and economical version, without display or keys setting
logo
PUI audio inc.
ASX11504-SW-R PUIAUDIO-ASX11504-SW-R Datasheet
499Kb / 6P
   Installs in minutes with spring-loaded push terminals and mounting holes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com