Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL16VFZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL16VFZCTR
Description  ENHANCED DIFFERENTIAL RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VFZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL16VFZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 6Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 7Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 8Page - Micrel Semiconductor SY100EL16VFZCTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The SY10/100EL16VA-VF are differential receivers.
The devices are equivalent to SY10/100EL16 or SY10/
100EL16V with enhanced capabilities. The QHG, /QHG
outputs have a DC gain several times larger than the DC
gain of the Q output.
The SY10/100EL16VA have an identical pinout to the
SY10/100EL16 or SY10/100EL16V. It provides a VBB
output for either single-ended application or as a DC
bias for AC coupling to the device.
The SY10/100EL16VB are very similar to the SY10/
100EL16VA. The /Q output is provided for feedback
purposes.
The SY10/100EL16VC provides an /EN input which is
synchronized with the data input (D) signal in a way that
provides glitchless gating of the QHG and /QHG outputs. When
the /EN signal is LOW, the input is passed to the outputs and
the data output equals the data input. When the data input is
HIGH and the /EN goes HIGH, it will force the QHG LOW and
the /QHG HIGH on the next negative transition of the data
input. If the data input is LOW when the /EN goes HIGH, the
next data transition to a HIGH is ignored and QHG remains
LOW and /QHG remains HIGH. The next positive transition of
the data input is not passed on to the data outputs under these
conditions. The QHG and /QHG outputs remain in their dis-
abled state as long as the /EN input is held HIGH. The /EN
input has no influence on the /Q output and the data input is
passed on (inverted) to this output whether /EN is HIGH or
LOW. This configuration is ideal for crystal oscillator applica-
tions, where the oscillator can be free running and gated on
and off synchronously without adding extra counts to the
output.
The SY10/100EL16VD provides the flexibility of all the
combinations in DIE form, in 16-pin 150mil SOIC package or
in 10-pin MSOP package. The 16-pin SOIC and 10-pin MSOP
packages are ideal for prototyping DIE applications.
The SY10/100EL16VE are similar to the SY10/100EL16VB
where the Q, /Q output is made available differently. In this
package option, VBB is no longer provided.
The SY10/100EL16VF are similar to the SY10/100EL16VC,
offering the D, /D inputs rather than the VBB output.
DESCRIPTION
s 3.3V and 5V power supply options
s 250ps propagation delay
s Very high voltage gain vs. standard EL16 or EL16V
s Ideal for Pulse Amplifier and Limiting Amplifier
applications
s Data synchronous Enable/Disable (/EN) on QHG and
/QHG provides for complete glitchless gating of the
outputs
s Ideal for gating timing signals
s Complete solution for high quality, high frequency
crystal oscillator applications
s Internal 75K Ohm input pull-down resistors
s Available in both 8 and 16-pin SOIC package; 8 and
10-pin (3mm) MSOP and in DIE form
FEATURES
SY10EL16VA-VF
SY100EL16VA-VF
ENHANCED
DIFFERENTIAL
RECEIVER
Pin
Function
D
Data Inputs
Q
Data Outputs
QHG
Data Outputs w/High Gain
VBB
Reference Voltage Output
/EN
Enable Input
PIN NAMES
/EN
QHG Output
0
Data
1
Logic Low
TRUTH TABLE
1
Rev.: L
Amendment: /1
Issue Date:
July 2000


Similar Part No. - SY100EL16VFZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VFZCTR MICREL-SY100EL16VFZCTR Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results

Similar Description - SY100EL16VFZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89251V MICREL-SY89251V Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89250V MICREL-SY89250V Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com