Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU3504 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU3504
Description  4-BIT SINGLE CHIP MICRO CONTROLLER???
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3504 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU3504 Datasheet HTML 2Page - New Japan Radio NJU3504 Datasheet HTML 3Page - New Japan Radio NJU3504 Datasheet HTML 4Page - New Japan Radio NJU3504 Datasheet HTML 5Page - New Japan Radio NJU3504 Datasheet HTML 6Page - New Japan Radio NJU3504 Datasheet HTML 7Page - New Japan Radio NJU3504 Datasheet HTML 8Page - New Japan Radio NJU3504 Datasheet HTML 9Page - New Japan Radio NJU3504 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
NJU3504
„# TERMINAL DESCRIPTION 3
No.
NJU
3504F
NJU
3504L
SYMBOL
INPUT/OUTPUT
F U N C T I O N
24
27
SCK /
CKOUT
SCK
:INOUT
CKOUT :
OUTPUT
Selects a function of either of 1) or 2) by the mask option.
1) Serial Clock Input or Output Terminal with Pull-up
Resistance.
2) Clock Divided by Pre-scaler Output Terminal.
Selects the dividing times of the clock in the pre-scaler by
the mask option.
25
26
27
28
28
29
30
31
PA0
PA1
PA2
PA3
INOUT
INOUT
INOUT
INOUT
4-bit Programmable Input / Output PORTA.
These 4-bit terminals’ direction can be changed by the
program as 4-Input or 4-Output.
Use of Pull-up resistance is in accordance with the mask
option.
xas Input : C-MOS Input Terminals
xas Output: Nch-FET Open-Drain Output Terminals
29
30
31
32
32
33
34
35
PB0
PB1
PB2
PB3
INOUT
INOUT
INOUT
INOUT
4-bit Programmable Input / Output PORTB.
These 4-bit terminals’ direction can be changed by the
program as 4-Input or 4-Output.
Use of Pull-up resistance is in accordance with the mask
option.
xas Input : C-MOS Input Terminals
xas Output: Nch-FET Open-Drain Output Terminals
33
36
VDD
Power Source (2.4V to 5.5V)
34
35
37
38
PC0
PC1
INPUT/OUTPUT
INPUT/OUTPUT
2-bit Input / Output PORTC.
Selects a terminal circuit for each port from follows by the
mask option.
xC-MOS Input Terminal with Pull-up Resistance(IA)
xC-MOS Input Terminal(IC)
xNch-FET Open-Drain Output Terminal with Pull-up
Resistance(OA)
xNch-FET Open-Drain Output Terminal(OC)
36
37
38
39
39
40
41
42
PD0
PD1
PD2
PD3
INPUT/OUTPUT
INPUT/OUTPUT
INPUT/OUTPUT
INPUT/OUTPUT
4-bit Input / Output PORTD.
Selects a terminal circuit for each port from follows by the
mask option.
xC-MOS Input Terminal with Pull-up Resistance(IA)
xC-MOS Input Terminal(IC)
xC-MOS Output Terminal(OB)
40
41
42
43
1
2
3
4
PE0
PE1
PE2
PE3
INPUT/OUTPUT
INPUT/OUTPUT
INPUT/OUTPUT
INPUT/OUTPUT
4-bit Input / Output PORTE.
Selects a terminal circuit for each port from follows by the
mask option.
xC-MOS Input Terminal with Pull-up Resistance(IA)
xC-MOS Input Terminal(IC)
xC-MOS Output Terminal(OB)
Note )
INPUT/OUTPUT : Input or Output is selected by the mask option.
INOUT
: Input or Output is changed by the program.


Similar Part No. - NJU3504

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3501D NJRC-NJU3501D Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3501G NJRC-NJU3501G Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3502L NJRC-NJU3502L Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results

Similar Description - NJU3504

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3501 NJRC-NJU3501 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER?
NJU3502 NJRC-NJU3502 Datasheet
1Mb / 42P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3505 NJRC-NJU3505 Datasheet
2Mb / 64P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Megawin Technology Co.,...
MG69L951 MEGAWIN-MG69L951 Datasheet
411Kb / 30P
   Single chip 8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com