Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77737 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77737
Description  QPSK, 16QAM modulations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77737 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77737 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77737 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201803C • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • June 13, 2013
1
PRODUCT SUMMARY
SKY77737 SkyHi™ Power Amplifier Module for LTE Bands
12/17 (698–716 MHz)
Applications
• Long-Term Evolution (LTE)
• Handsets and Data Cards
Features
• QPSK, 16QAM modulations
• Bands XII / XVII linear power
at 3.4 V
-
LTE 28 dBm
• Low voltage positive bias
supply 3.0 V to 4.5 V
• Excellent linearity and
efficiency
• Large dynamic range
• Small, low profile package
-
3 mm x 3 mm x 0.9 mm
-
10-pad configuration
• InGaP BiFET Technology
Description
The SKY77737 SkyHi™ Power Amplifier Module (PAM) is a fully matched, surface mount module
developed for LTE applications. This small and efficient module packs full coverage of LTE Bands XII /
XVII into a single compact package. The SKY77737 meets the stringent spectral linearity requirements
of LTE modulation with QPSK / 16QAM modulations from 5 MHz to 10 MHz bandwidth and full or
partial resource block allocations with high power added efficiency.
The single Gallium Arsenide (GaAs) Microwave Monolithic Integrated Circuit (MMIC) contains all active
circuitry in the module, including the PA, input, and interstage matching. Output match is realized off-
chip within the module package to optimize efficiency and power performance into a 50
Ω load. The
SKY77737 is manufactured with Skyworks’ BiFET process which provides for all positive voltage DC
supply operation while maintaining high efficiency and good linearity. Primary bias is supplied via the
VCC1 and VCC2 pads directly from battery output in the 3.0 to 4.5 volt range. Power-down is
accomplished by setting a logic low level on the VEN pad. No external supply side switch is needed as
typical “off” leakage is a few microamperes with full primary voltage supplied from the battery. The
VMODE0 and VMODE1 pads are used to switch between high, medium and low power modes to
reduce current consumption and gain in the back-off conditions.
Figure 1. SKY77737 Functional Block Diagram


Similar Part No. - SKY77737

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77731 SKYWORKS-SKY77731 Datasheet
92Kb / 2P
   Low voltage positive bias supply 3.2 V to 4.2 V
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
   QPSK, 16QAM modulations
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
   QPSK, 16QAM modulations
More results

Similar Description - SKY77737

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
   QPSK, 16QAM modulations
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
   QPSK, 16QAM modulations
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Hittite Microwave Corpo...
HMC6001LP711E HITTITE-HMC6001LP711E Datasheet
1Mb / 18P
   WiGig Single Carrier Modulations
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com