Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL16VEZC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EL16VEZC
Description  ENHANCED DIFFERENTIAL RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VEZC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EL16VEZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 6Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 7Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 8Page - Micrel Semiconductor SY100EL16VEZC Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SY10EL16VA-VF
SY100EL16VA-VF
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
tPLH
Propagation Delay to
ps
tPHL
Q, /Q Output
D (Diff)
350
350
350
380
D (SE)
400
400
400
430
QHG, /QHG Output
D (Diff)
650
650
650
730
D (SE)
700
700
700
780
tS
Setup Time
/EN
150
150
150
150
ps
tH
Hold Time
/EN
150
150
150
150
ps
tskew
Duty Cycle Skew(1)
(Diff)
5
5
20
5
20
5
20
ps
VPP
Minimum Input Swing(2)
150
150
150
150
mV
VCMR
Common Mode Range(3)
–1.3
–0.4
–1.4
–0.4
–1.4
–0.4
–1.4
–0.4
V
tr
Output Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
Rise/Fall Time
(20% TO 80%)
DC ELECTRICAL CHARACTERISTICS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply
mA
Current
10EL
40
40
40
40
100EL
40
40
40
46
VBB
Output Reference
V
Voltage
10EL
–1.43
–1.30 –1.38
–1.27 –1.35
–1.25 –1.31
–1.19
100EL
–1.38
–1.26 –1.38
–1.26 –1.38
–1.26 –1.38
–1.26
IIH
Input HIGH Current
150
150
150
150
µA
VEE = VEE (Min) to VEE (Max), VCC = GND
NOTE:
1. Parametric values specified at:
10/100EL16VA-VF Series:
-3.0V to -5.5V.
NOTES:
1. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
2. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of
≈ 40 to Q, /Q outputs and a DC gain of ≈ 200 or higher to
/QHG/QHG outputs.
3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table
assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – |VCMR (min)|.
4. Parametric values specified at:
10/100EL16VA-VF Series:
-3.0V to -5.5V.
AC ELECTRICAL CHARACTERISTICS(4)
VEE = VEE (Min) to VEE (Max), VCC = GND


Similar Part No. - SY100EL16VEZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VEZC MICREL-SY100EL16VEZC Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
SY100EL16VEZCTR MICREL-SY100EL16VEZCTR Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results

Similar Description - SY100EL16VEZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89251V MICREL-SY89251V Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89250V MICREL-SY89250V Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com