Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC3120 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV320DAC3120
Description  Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC3120 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320DAC3120_15 Datasheet HTML 2Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 3Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 4Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 5Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 6Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 7Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 8Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 9Page - Texas Instruments TLV320DAC3120_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
TLV320DAC3120
SLAS659A – NOVEMBER 2009 – REVISED MAY 2012
www.ti.com
Electrical Characteristics (continued)
At 25°C, AVDD = HPVDD = IOVDD = 3.3 V, SPKVDD = 3.6 V, DVDD = 1.8 V, fS (audio) = 48 kHz,
CODEC_CLKIN = 256 × fS, PLL = Off, VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC HEADPHONE OUTPUT, AC-COUPLED LOAD = 16
Ω (SINGLE-ENDED),
DRIVER GAIN = 0 dB, PARASITIC CAPACITANCE = 30 pF
Full-scale output voltage
Output common-mode setting = 1.65 V
0.707
Vrms
(0 dB)
SNR
Signal-to-noise ratio
Measured as idle-channel noise, A-weighted(1) (2)
80
95
dB
THD
Total harmonic distortion
0-dBFS input
–85
–65
dB
Total harmonic distortion +
THD+N
0-dBFS input
–82
–60
dB
noise
Mute attenuation
87
dB
PSRR
Power-supply rejection ratio(3)
Ripple on HPVDD (3.3 V) = 200 mVp-p at 1 kHz
–62
dB
RL = 32 Ω, THD+N ≤ –60 dB
20
PO
Maximum output power
mW
RL = 16 Ω, THD+N ≤ –60 dB
60
DAC LINEOUT (HP Driver in Lineout Mode)
SNR
Signal-to-noise ratio
Measured as idle-channel noise, A-weighted
95
dB
THD
Total harmonic distortion
0-dBFS input, 0-dB gain
–86
dB
Total harmonic distortion +
THD+N
0-dBFS input, 0-dB gain
–83
dB
noise
DAC DIGITAL INTERPOLATION FILTER CHARACTERISTICS
See Section 5.6.1.4 for DAC interpolation filter characteristics.
DAC OUTPUT TO CLASS-D SPEAKER OUTPUT; LOAD = 4
Ω (DIFFERENTIAL), 50 pF
SPKVDD = 3.6 V, BTL measurement, CM = 1.8 V,
DAC input = 0 dBFS, class-D gain = 6 dB, THD
2.3
–16.5 dB
Output voltage
Vrms
SPKVDD = 3.6 V, BTL measurement, CM = 1.8 V,
DAC input = –2 dBFS, class-D gain = 6 dB, THD
2.1
–20 dB
SPKVDD = 3.6 V, BTL measurement, DAC input =
Output, common-mode
1.8
V
mute, CM = 1.8 V, class-D gain = 6 dB
SPKVDD = 3.6 V, BTL measurement, class-D gain =
SNR
Signal-to-noise ratio
6 dB, measured as idle-channel noise, A-weighted
88
dB
(with respect to full-scale output value of 2.3 Vrms)
SPKVDD = 3.6 V, BTL measurement, DAC input = –6
THD
Total harmonic distortion
–65
dB
dBFS, CM = 1.8 V, class-D gain = 6 dB
Total harmonic distortion +
SPKVDD = 3.6 V, BTL measurement, DAC input = –6
THD+N
–63
dB
noise
dBFS, CM = 1.8 V, class-D gain = 6 dB
SPKVDD = 3.6 V, BTL measurement, ripple on
PSRR
Power-supply rejection ratio
–44
dB
SPKVDD = 200 mVp-p at 1 kHz
Mute attenuation
110
dB
SPKVDD = 3.6 V, BTL measurement, CM = 1.8 V,
1
class-D gain = 18 dB, THD = 10%
SPKVDD = 4.3 V, BTL measurement, CM = 1.8 V,
PO
Maximum output power
1.5
W
class-D gain = 18 dB, THD = 10%
SPKVDD = 5.5 V, BTL measurement, CM = 1.8 V,
2.5
class-D gain = 18 dB, THD = 10%
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
DAC to headphone-out PSRR measurement is calculated as PSRR = 20 X log(
∆VHPL / ∆VHPVDD).
6
ELECTRICAL SPECIFICATIONS
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3120


Similar Part No. - TLV320DAC3120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com