Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT21LZC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100ELT21LZC
Description  3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT21LZC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100ELT21LZC Datasheet HTML 1Page - Micrel Semiconductor SY100ELT21LZC Datasheet HTML 2Page - Micrel Semiconductor SY100ELT21LZC Datasheet HTML 3Page - Micrel Semiconductor SY100ELT21LZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY10ELT21L
SY100ELT21L
Micrel
TRUTH TABLE
D/D
Q
LH
L
HL
H
Open
Open
L
Symbol
Paramter
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +3.8
V
V
I
PECL Input Voltage
0V to V
CC+0.5
V
V
O
Voltage Applied to
–0.5 to V
CC
V
Output at HIGH State
I
O
Current Applied to
Twice the
mA
Output at LOW State
Rated I
OL
T
store
Storage Temperature
–65 to +150
°C
T
A
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
OS
Output Short Circuit Current
–80
–275
–80
–275
–80
–275
–80
–275
mA
V
OUT = 0V
I
CC
Power Supply Current
20
20
14
20
20
mA
V
OH
Output HIGH Voltage
2.0
2.0
2.0
2.0
V
I
OH = –3.0mA
V
OL
Output LOW Voltage
0.5
0.5
0.5
0.5
V
I
OL = 24mA
TTL DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±5%
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
IH
Input HIGH Current
150
150
150
150
µA
I
IL
Input LOW Current
D
0.5
0.5
0.5
0.5
µA
/D
–300
–300
–300
–300
V
IH
Input HIGH Voltage(2)
10ELT
2070
2410
2130
2460
2170
2490
2240
2580
mV
100ELT
2135
2420
2135
2420
2135
2420
2135
2420
V
IL
Input LOW Voltage(2)
10ELT
1350
1800
1350
1820
1350
1820
1350
1855
mV
100ELT
1490
1825
1490
1825
1490
1825
1490
1825
V
BB
Reference Output(2)
10ELT
1870
2000
1920
2030
1950
2000
2050
1990
2110
mV
100ELT
1920
2040
1920
2040
1920
1980
2040
1920
2040
PECL DC ELECTRICAL CHARACTERISTICS
V
CC = +3.3V ±5%
NOTES:
1. These values are for V
CC = 3.3V.
Level Specifications will vary 1:1 V
CC.


Similar Part No. - SY100ELT21LZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT21LZC MICREL-SY100ELT21LZC Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100ELT21LZCTR MICREL-SY100ELT21LZCTR Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100ELT21LZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L_06 Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com