Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC32 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV320DAC32
Description  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC32 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320DAC32_15 Datasheet HTML 5Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 6Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 7Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 8Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 9Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 10Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 11Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 12Page - Texas Instruments TLV320DAC32_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
th(WS)
ts(WS)
ts(DI)
th(DI)
WCLK
BCLK
SDIN
tH(BCLK)
tL(BCLK)
tP(BCLK)
ts(WS)
th(WS)
TIMING CHARACTERISTICS
(1)
TLV320DAC32
www.ti.com........................................................................................................................................ SLAS506B – NOVEMBER 2006 – REVISED DECEMBER 2008
TIMING CHARACTERISTICS (continued)
All specifications typical at 25C, DVDD = 1.8 V
IOVDD = 1.1 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH (BCLK)
BCLK high period
70
35
ns
tL (BCLK)
BCLK low period
70
35
ns
ts(WS)
WCLK setup time
10
6
ns
th(WS)
WCLK hold time
10
6
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
8
4
ns
tf
Fall time
8
4
ns
Figure 4. DSP Timing in Slave Mode
All specifications typical at 25C, DVDD = 1.8 V
IOVDD = 1.1 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH (BCLK)
BCLK high period
70
35
ns
tL (BCLK)
BCLK low period
70
35
ns
ts(WS)
WCLK setup time
10
8
ns
th(WS)
WCLK hold time
10
8
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
8
4
ns
tf
Fall time
8
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV320DAC32


Similar Part No. - TLV320DAC32_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC32 TI1-TLV320DAC32_16 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320DAC32_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI1-TLV320DAC32_16 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com