Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3254 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC3254
Description  TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3254 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC3254_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 9Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 10Page - Texas Instruments TLV320AIC3254_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
TLV320AIC3254
www.ti.com
SLAS549D – SEPTEMBER 2008 – REVISED NOVEMBER 2014
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AVSS
–0.3
2.2
V
DVDD to DVSS
–0.3
2.2
V
Input voltage
IOVDD to IOVSS
–0.3
3.9
V
LDOIN to AVSS
–0.3
3.9
V
Digital Input voltage to ground
–0.3
IOVDD + 0.3
V
Analog input voltage to ground
–0.3
AVDD + 0.3
V
Operating temperature range
–40
85
°C
Junction temperature (TJ Max)
105
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
125
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–2
2
kV
Electrostatic
V(ESD)
Charged device model (CDM), per JEDEC specification JESD22-C101, all
discharge
–750
750
V
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
LDOIN
1.9
3.6
Referenced to AVSS
(1)
AVDD
1.5
1.8
1.95
Power Supply Voltage Range
V
IOVDD
Referenced to IOVSS
(1)
1.1
3.6
DVDD
(2)
Referenced to DVSS
(1)
1.26
1.8
1.95
Clock divider uses fractional divide
10
20
MHz
(D > 0), P = 1, DVDD ≥ 1.65V (Refer to the table in
SLAA408, Maximum TLV320AIC3254 Clock Frequencies)
PLL Input Frequency
Clock divider uses integer divide
0.512
20
MHz
(D = 0), P = 1, DVDD ≥ 1.65V (Refer to the table in
SLAA408, Maximum TLV320AIC3254 Clock Frequencies)
MCLK; Master Clock Frequency; DVDD ≥ 1.65V
50
MCLK
Master Clock Frequency
MHz
MCLK; Master Clock Frequency; DVDD ≥ 1.26V
25
SCL
SCL Clock Frequency
400
kHz
0.75 or
CM = 0.75 V
0
0.530
Vpeak
Audio input max ac signal swing
AVDD-0.75(3)
(IN1_L, IN1_R, IN2_L, IN2_R, IN3_L,
0.9 or
IN3_R)
CM = 0.9 V
0
0.707
Vpeak
AVDD-0.9(3)
LOL, LOR
Stereo line output load resistance
0.6
10
k
Stereo headphone output load resistance Single-ended configuration
14.4
16
HPL, HPR
Headphone output load resistance
Differential configuration
24.4
32
CLout
Digital output load capacitance
10
pF
TOPR
Operating Temperature Range
–40
85
°C
(1)
All grounds on board are tied together to prevent voltage differences of more than 0.2V maximum for any combination of ground signals.
(2)
At DVDD values lower than 1.65V, the PLL does not function. Refer to the Maximum TLV320AIC3254 Clock Frequencies table in the
TLV320AIC3254 Application Reference Guide (SLAA408) for details on maximum clock frequencies.
(3)
Whichever is smaller.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV320AIC3254


Similar Part No. - TLV320AIC3254_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results

Similar Description - TLV320AIC3254_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com