Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC2862 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC2862
Description  2A 23V Synchronous PWM/PSM Step-Down
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2862 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC2862 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2862 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AIC2862
3
ELECTRICAL CHARACTERISTICS
VIN=12V, unless otherwise specified. Typical values are at TA=+25C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Supply Voltage Range
4.75
23
V
Under Voltage Lockout Threshold
VIN Rising
3.7
4.05
V
UVLO Hysteresis
210
mV
Shutdown Supply Current
VEN = 0V
0.3
3
A
Standby Current (Switching)
VEN = 3.0V; SW = NC
0.7
1.5
mA
Reference Voltage
VREF
0.900 0.925
0.95
V
Feedback Over Voltage Threshold
VFB Rising
123
%
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.5
2.2
V
EN Shutdown Hysteresis
220
mV
High-Side Switch On-Resistance
RDS(ON)1
140
m
Low-Side Switch On-Resistance
RDS(ON)2
120
m
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
A
High-Side Switch Current Limit
Peak Current
2.7
3.4
A
Oscillation Frequency fs=340KHz
fs
300
340
380
KHz
Oscillation Frequency fs=550KHz
fs
485
550
615
KHz
Short Circuit Oscillation Frequency
VFB = 0V
110
KHz
Maximum Duty Cycle
DMAX
90
%
Minimum On Time
TON
220
ns
Soft-Start Current
VSS = 0V
6
A
Soft-Start Period
VSS = 0.1F
15
ms
Thermal Shutdown
Trip Point
160
C
Note 1: Specifications are production tested at TA=25C. Specifications over the -40C to 85C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).


Similar Part No. - AIC2862

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
   3A 23V Synchronous PWM/PSM Step-Down
More results

Similar Description - AIC2862

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
   3A 23V Synchronous PWM/PSM Step-Down
AIC2822 AIC-AIC2822 Datasheet
453Kb / 9P
   2A 23V Synchronous PWM Step-Down Converter
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
   400mA Synchronous PWM/PSM Step-Down
AIC2364 AIC-AIC2364 Datasheet
379Kb / 12P
   4A Synchronous PWM/PSM Step-Down
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
logo
Richtek Technology Corp...
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com