Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7275-100A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK7275-100A
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7275-100A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK7275-100A_15 Datasheet HTML 4Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 5Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 6Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 7Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 8Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 9Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 10Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 11Page - NXP Semiconductors BUK7275-100A_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BUK7275-100A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 17 June 2010
8 of 13
NXP Semiconductors
BUK7275-100A
N-channel TrenchMOS standard level FET
Fig 13. Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 15. Reverse diode current as a function of reverse diode voltage; typical values
03aa29
0
1
2
3
-60
0
60
120
180
Tj (
°C)
a
03nb33
0
200
400
600
800
1000
1200
1400
1600
1800
2000
10−2
10−1
110
102
VDS(V)
C
(pF)
Ciss
Coss
Crss
03nb26
0
5
10
15
20
25
30
35
40
45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (V)
IS
(A)
Tj = 175 °CTj = 25 °C


Similar Part No. - BUK7275-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7275-100A PHILIPS-BUK7275-100A Datasheet
282Kb / 13P
   TrenchMOS standard level FET
Rev. 01-25 October 2000
logo
Nexperia B.V. All right...
BUK7275-100A NEXPERIA-BUK7275-100A Datasheet
935Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 17 June 2010
More results

Similar Description - BUK7275-100A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com