Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC29 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV320AIC29
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC29 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC29_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 9Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 10Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 11Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 12Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 13Page - Texas Instruments TLV320AIC29_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
TLV320AIC29
SLAS494B − DECEMBER 2005 − REVISED OCTOBER 2007
www.ti.com
10
FUNCTIONAL BLOCK DIAGRAM
Σ−∆
Σ−∆
Battery
Monitor
SAR
ADC
Internal
Reference
−1
−1
Sidetone
DAC
ADC
AGC
Vol Ctl
Vol Ctl
Digital
Audio
Processing
and Serial
Interface
PLL
Headset
detect and
Button
detect
VBAT
VREF
MICBIAS_HED
MICBIAS_HND
2.0/2.5/3.3
2.0/2.5
AUX1
MICIN_HED
MICIN_HND
CP_IN
BUZZ_IN
OUT8P
OUT8N
CP_OUT
OUT32N
SPK1
SPK2
To Detection block
SPKFC
VGND/
1.5V
SCLK
SS
MOSI
MISO
PINTDAV
RESET
MCLK
PWR_DN
SDOUT
WCLK
SDIN
BCLK
0 to 59.5dB
(0.5dB steps)
0 to 59.5dB
(0.5dB steps)
12 to −34.5dB
(0.5dB steps)
0 to −45dB
(3dB steps)
12 to −34.5dB
(0.5dB steps)
MIC_DETECT_IN
To Detection
block
GPIO1
GPIO2
AVDD1
AVDD2
DRVDD
BVDD
DVDD
IOVDD
AVSS2
DRVSS1 DRVSS2
DVSS
AVSS1
To ADC and DAC
0 to −63.5dB
(0.5dB steps)
0 to −63.5dB
(0.5dB steps)
AUX2
Temperature
Measurement
OSC
Σ
Σ
Σ
Σ
Σ
Σ−∆
DAC
GPIO
Interface
−1
CP_OUT−
Digital
Processing
and SPI
Interface


Similar Part No. - TLV320AIC29_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZ TI-TLV320AIC29IRGZ Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29IRGZR TI-TLV320AIC29IRGZR Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC29_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com