Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT8150 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMDT8150
Description  LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT8150 Datasheet(HTML) 1 Page - Unisonic Technologies

  MMDT8150_15 Datasheet HTML 1Page - Unisonic Technologies MMDT8150_15 Datasheet HTML 2Page - Unisonic Technologies MMDT8150_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMDT8150
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R218-017.b
LOW VCESAT NPN EPITAXIAL
PLANAR TRANSISTOR
DESCRIPTION
The UTC MMDT8150 is a Dual NPN epitaxial planar transistor. It
has low VCE(SAT) performance and the transistor elements are
independent to eliminate interference.
FEATURES
* Low VCE(SAT), VCE(SAT)=40mV (typ.)@IC / IB = 50mA / 2.5mA
* Transistor elements are independent to eliminate interference.
* Mounting cost and area can be cut in half.
EQUIVALENT CIRCUIT
Tr1
65
4
Tr2
12
3
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
MMDT8150L-AL6-R
MMDT8150G-AL6-R
SOT-363
Tape Reel
MARKING
G: Halogen Free
L: Lead Free
T81


Similar Part No. - MMDT8150_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMDT8150G-AL6-R UTC-MMDT8150G-AL6-R Datasheet
125Kb / 2P
   LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
MMDT8150L-AL6-R UTC-MMDT8150L-AL6-R Datasheet
125Kb / 2P
   LOW VCESAT NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - MMDT8150_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com