Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5601DCAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601DCAR
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601DCAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5601DCAR Datasheet HTML 2Page - Texas Instruments TAS5601DCAR Datasheet HTML 3Page - Texas Instruments TAS5601DCAR Datasheet HTML 4Page - Texas Instruments TAS5601DCAR Datasheet HTML 5Page - Texas Instruments TAS5601DCAR Datasheet HTML 6Page - Texas Instruments TAS5601DCAR Datasheet HTML 7Page - Texas Instruments TAS5601DCAR Datasheet HTML 8Page - Texas Instruments TAS5601DCAR Datasheet HTML 9Page - Texas Instruments TAS5601DCAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
TAS5601
SLAS585A – FEBRUARY 2008 – REVISED SEPTEMBER 2008....................................................................................................................................... www.ti.com
TA = 25°C, VCC = 24 V, RL = 8Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Supply Ripple Rejection
200 mVpp ripple at 20 Hz–20 kHz, BTL 50%
–60
dB
duty cycle PWM at inputs
BTL – RL = 8Ω, THD+N = 7%, f = 1 kHz,
20
VCC = 18 V
PO
Continuous output power
W
SE – RL = 4Ω, THD+N = 10%, f = 1 kHz,
19
VCC = 24 V
Total Harmonic Distortion + Noise (SE)
VCC = 24 V, f = 1 kHz, Po = 10 W
0.08%
THD+N
Vcc = 18 V, Rl = 8
Ω, f = 1 kHz,
Total Harmonic Distortion + Noise (BTL)
0.04%
Po = 10 W (half-power)
125
µV
20 Hz to 22 kHz, A-weighted filter, GD
Vn
Output Integrated Noise
modulation
–78
dB
Crosstalk
Po = 1 W, f = 1 kHz
–60
–70
dB
Max. Output at THD+N <1%, f = 1 kHz,
SNR
Signal-to-noise ratio
99
dB
A-weighted, VCC = 18 V
Thermal trip point (output shutdown,
150
°C
unlatched fault)
Thermal warning trip (THERM_WARN = Low)
125
°C
Thermal hysteresis
20
°C
TA = 25°C, VCC = 12 V, RL = 8Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KSVR
Supply Ripple Rejection
200 mVpp ripple at 20 Hz–20 kHz, BTL 50%
–60
dB
duty cycle PWM at inputs
BTL – RL = 8Ω, THD+N = 10%, f = 1 kHz,
9.5
PO
Continuous output power
W
SE – RL = 4Ω, THD+N = 10%, f = 1 kHz,
4.5
0.04
Total Harmonic Distortion + Noise (SE)
VCC = 12 V, f = 1 kHz, Po = 2 W (half-power)
%
THD+N
Vcc = 12 V, Rl = 8
Ω, f = 1 kHz,
0.07
Total Harmonic Distortion + Noise (BTL)
%
Po = 5 W (half-power)
125
µV
20 Hz to 22 kHz, A-weighted filter, BD
Vn
Output Integrated Noise
modulation
–78
dB
Crosstalk
Po = 1 W, f = 1 kHz
–60
–70
dB
Max. Output at THD+N <1%, f = 1 kHz,
SNR
Signal-to-noise ratio
96
dB
A-weighted
Thermal trip point (output shutdown, unlatched
150
°C
fault)
Thermal warning trip (THERM_WARN = Low)
125
°C
Thermal hysteresis
20
°C
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5601


Similar Part No. - TAS5601DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5601DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602_1 Datasheet
842Kb / 27P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com