Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL11VZC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EL11VZC
Description  5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL11VZC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EL11VZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL11VZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL11VZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL11VZC Datasheet HTML 4Page - Micrel Semiconductor SY100EL11VZC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10EL11V
SY100EL11V
Micrel, Inc.
M9999-092105
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
t
pd
Propagation Delay to
135
260
385
185
260
335
190
265
340
215
2 ; ’
365
ps
Output D
t
SKEW
Within-Device Skew(2)
5
520
520
520
ps
Duty Cycle Skew(3)
5
520
520
520
V
PP
Minimum Input Swing(4)
150
150
150
150
mV
V
CMR
Common Mode Range(5)
–1.3
–0.4
–1.4
–0.4
–1.4
–0.4
–1.4
–0.4
V
t
r
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
t
f
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)
V
EE = VEE (Min.) to VEE (Max.); VCC = GND
Notes:
1. Parametric values specified at:
10/100EL11V Series:
-3.0V to -5.5V.
2. Within-device skew defined as identical transitions on similar paths through a device.
3. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
4. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of
≈40.
5. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the
specified range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in
the spec table assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – |VCMR (min)|.


Similar Part No. - SY100EL11VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL11VZC MICREL-SY100EL11VZC Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZC MICREL-SY100EL11VZC Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZCTR MICREL-SY100EL11VZCTR Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZCTR MICREL-SY100EL11VZCTR Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY100EL11VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com