Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13009G-K-TA3-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # MJE13009G-K-TA3-T
Description  SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13009G-K-TA3-T Datasheet(HTML) 8 Page - Unisonic Technologies

  MJE13009G-K-TA3-T Datasheet HTML 1Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 2Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 3Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 4Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 5Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 6Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 7Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 8Page - Unisonic Technologies MJE13009G-K-TA3-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MJE13009-K
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
8 of 9
www.unisonic.com.tw
QW-R223-007.A
TYPICAL CHARACTERISTICS (Cont.)
+0.6
Fig. 9 Collector Cutoff Region
0.1
100
Base–Emitter Voltage, VBE (V)
1k
-0.4
-0.2
+0.2
10
0
+0.4
10k
1
500
Fig. 10 Capacitance
40
600
200
200
1k
0.1 0.2
400
5
2k
220 50
10
4k
80
TJ = 150°C
100
0.5
Reverse Voltage, VR (V)
25°C
VCE = 250V
125°C
100°C
50°C
75°C
FORWARD
REVERSE
1
800
100
60
CIB
TJ = 25°C
COB


Similar Part No. - MJE13009G-K-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13009G-K-TA3-T UTC-MJE13009G-K-TA3-T Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13009G-K-TA3-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com