Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB113Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTB113Z
Description  DIGITAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTB113Z Datasheet(HTML) 2 Page - Unisonic Technologies

  DTB113Z_15 Datasheet HTML 1Page - Unisonic Technologies DTB113Z_15 Datasheet HTML 2Page - Unisonic Technologies DTB113Z_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTB113Z
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-092.D
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-10 ~ +5
V
Output Current
IC
-500
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN(OFF)
VCC= -5V, IOUT= -100μA
-0.3
V
VIN(ON)
VOUT= -0.3V, IOUT= -20mA
-3
Output Voltage
VOUT(ON) IOUT/IIN= -50mA/-2.5mA
-0.3
V
Input Current
IIN
VIN=-5V
-7.2
mA
Output Current
IOUT(OFF) VCC=-50V, VIN=0V
-0.5
μA
DC Current Gain
hFE
VOUT=-5V, IOUT=-50mA
56
Input Resistance
R1
0.7
1
1.3
KΩ
Resistance Ratio
R2/R1
8
10
12
Transition Frequency
fT
VCE=-10V, IE= 50mA, f=100MHz(Note)
200
MHz
Note: Transition frequency of the device


Similar Part No. - DTB113Z_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTB113ZA3 CYSTEKEC-DTB113ZA3 Datasheet
145Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTB113ZC ROHM-DTB113ZC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB113ZCHZG ROHM-DTB113ZCHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistors)
logo
Unisonic Technologies
DTB113ZG-AE3-R UTC-DTB113ZG-AE3-R Datasheet
136Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTB113ZK ROHM-DTB113ZK Datasheet
66Kb / 3P
   Digital transistors (built-in resistors)
More results

Similar Description - DTB113Z_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com