Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5176 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5176
Description  6-Channel, 100-W, Digital-Amplifier Power Stage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5176 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5176 Datasheet HTML 1Page - Texas Instruments TAS5176 Datasheet HTML 2Page - Texas Instruments TAS5176 Datasheet HTML 3Page - Texas Instruments TAS5176 Datasheet HTML 4Page - Texas Instruments TAS5176 Datasheet HTML 5Page - Texas Instruments TAS5176 Datasheet HTML 6Page - Texas Instruments TAS5176 Datasheet HTML 7Page - Texas Instruments TAS5176 Datasheet HTML 8Page - Texas Instruments TAS5176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
DEVICE INFORMATION
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
PGND
PWM_F
GVDD_DEF
VDD
PWM_E
PWM_D
RESET
M3
M2
M1
GND
AGND
VREG
OC_ADJ
SD
OTW
PWM_C
PWM_B
PWM_A
GVDD_ABC
BST_BIAS
OUT_BIAS
BST_F
PVDD_F
OUT_F
PGND
OUT_E
PVDD_E
BST_E
BST_D
PVDD_D
OUT_D
PGND
PGND
OUT_C
PVDD_C
BST_C
BST_B
PVDD_B
OUT_B
PGND
OUT_A
PVDD_A
BST_A
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
P0016-02
TAS5176
SLES196 – JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TAS5176 is available in a thermally enhanced 44-pin HTSSOP PowerPAD™ package. The heat slug is
located on the bottom side of the device for convenient thermal coupling to the printed circuit board which is
used as the heatsink for this device.
DDW PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback


Similar Part No. - TAS5176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
More results

Similar Description - TAS5176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5186 TI-TAS5186 Datasheet
349Kb / 17P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com