Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5152 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5152
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5152 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5152_15 Datasheet HTML 1Page - Texas Instruments TAS5152_15 Datasheet HTML 2Page - Texas Instruments TAS5152_15 Datasheet HTML 3Page - Texas Instruments TAS5152_15 Datasheet HTML 4Page - Texas Instruments TAS5152_15 Datasheet HTML 5Page - Texas Instruments TAS5152_15 Datasheet HTML 6Page - Texas Instruments TAS5152_15 Datasheet HTML 7Page - Texas Instruments TAS5152_15 Datasheet HTML 8Page - Texas Instruments TAS5152_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TAS5152
SLES127A − FEBRUARY 2005 − REVISED NOVEMBER 2005
STEREO DIGITAL AMPLIFIER POWER STAGE
TM
FEATURES
D 2×125 W at 10% THD+N Into 4-W BTL
D 2×98 W at 10% THD+N Into 6-W BTL
D 2×76 W at 10% THD+N Into 8-W BTL
D 4×45 W at 10% THD+N Into 3-W SE
D 4×35 W at 10% THD+N Into 4-W SE
D 1×192 W at 10% THD+N Into 3-W PBTL
D 1×240 W at 10% THD+N Into 2-W PBTL
D >100-dB SNR (A-Weighted)
D <0.1% THD+N at 1 W
D Thermally Enhanced Package Option:
− DKD (36-Pin PSOP3)
D High-Efficiency Power Stage (>90%) With
140-m
W Output MOSFETs
D Power-On Reset for Protection on Power Up
Without Any Power-Supply Sequencing
D Integrated Self-Protection Circuits Including:
− Undervoltage
− Overtemperature
− Overload
− Short Circuit
D Error Reporting
D EMI Compliant When Used With
Recommended System Design
D Intelligent Gate Drive
APPLICATIONS
D Mini/Micro Audio System
D DVD Receiver
D Home Theater
DESCRIPTION
The TAS5152 is a third-generation, high-performance,
integrated stereo digital amplifier power stage with
improved protection system. The TAS5152 is capable
of driving a 4-
Ω bridge-tied load (BTL) at up to 125 W
per channel with low integrated noise at the output, low
THD+N performance, and low idle power dissipation.
A low-cost, high-fidelity audio system can be built using
a TI chipset, comprised of a modulator (e.g., TAS5508)
and the TAS5152. This system only requires a simple
passive LC demodulation filter to deliver high-quality,
high-efficiency audio amplification with proven EMI
compliance. This device requires two power supplies,
12 V for GVDD and VDD, and 35 V for PVDD. The
TAS5152 does not require power-up sequencing due to
internal power-on reset. The efficiency of this digital
amplifier is greater than 90% into 6
Ω, which enables the
use of smaller power supplies and heatsinks.
The TAS5152 has an innovative protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These safeguards are short-circuit protection,
overcurrent protection, undervoltage protection, and
overtemperature protection. The TAS5152 has a new
proprietary current-limiting circuit that reduces the
possibility of device shutdown during high-level music
transients. A new programmable overcurrent detector
allows the
use of lower-cost inductors in the
demodulation output filter.
PVDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30
35
BTL OUTPUT POWER vs SUPPLY VOLTAGE
8
4
TC = 75°C
THD+N @ 10%
6
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PurePath Digital and PowerPAD are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


Similar Part No. - TAS5152_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152DKD TI-TAS5152DKD Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152DKD TI-TAS5152DKD Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152DKDG4 TI-TAS5152DKDG4 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152DKDR TI-TAS5152DKDR Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152DKDR TI-TAS5152DKDR Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5152_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com